Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6801 Datasheet(PDF) 2 Page - Fitipower Integrated Technology Inc.

Part # FP6801
Description  Microprocessor Reset Circuits With Adjustable Delay Time
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6801 Datasheet(HTML) 2 Page - Fitipower Integrated Technology Inc.

  FP6801 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6801 Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FP6801-1.7-DEC-2012
FP6801
85T
fitipower integrated technology lnc.
SOT-23-5 Marking
Part Number
Product
Code
Part Number
Product
Code
FP6801-21CS5P
Gf
FP6801-21NS5P
Gh
FP6801-21CS5G
Gf =
FP6801-21NS5G
Gh=
FP6801-22CS5P
Ga
FP6801-22NS5P
Gk
FP6801-22CS5G
Ga=
FP6801-22NS5G
Gk=
FP6801-24CS5P
GZ
FP6801-24NS5P
G1
FP6801-24CS5G
GZ=
FP6801-24NS5G
G1=
FP6801-25CS5P
GA
FP6801-25NS5P
GB
FP6801-25CS5G
GA=
FP6801-25NS5G
GB=
FP6801-26CS5P
Gb
FP6801-26NS5P
Gm
FP6801-26CS5G
Gb=
FP6801-26NS5G
Gm=
FP6801-27CS5P
G0
FP6801-27NS5P
G2
FP6801-27CS5G
G0=
FP6801-27NS5G
G2=
FP6801-29CS5P
Gd
FP6801-29NS5P
Gn
FP6801-29CS5G
Gd=
FP6801-29NS5G
Gn=
FP6801-31CS5P
Ge
FP6801-31NS5P
Gr
FP6801-31CS5G
Ge=
FP6801-31NS5G
Gr=
SC-82 Marking
Part Number
Product
Code
Part Number
Product
Code
FP6801-21CC8P
Gi
FP6801-21NC8P
Gs
FP6801-21CC8G
Gi=
FP6801-21NC8G
Gs=
FP6801-22CC8P
Gv
FP6801-22NC8P
GD
FP6801-22CC8G
Gv=
FP6801-22NC8G
GD=
FP6801-24CC8P
G3
FP6801-24NC8P
G5
FP6801-24CC8G
G3=
FP6801-24NC8G
G5=
FP6801-26CC8P
Gw
FP6801-26NC8P
GE
FP6801-26CC8G
Gw=
FP6801-26NC8G
GE=
FP6801-27CC8P
G4
FP6801-27NC8P
G6
FP6801-27CC8G
G4=
FP6801-27NC8G
G6=
FP6801-29CC8P
Gx
FP6801-29NC8P
GF
FP6801-29CC8G
Gx=
FP6801-29NC8G
GF=
FP6801-31CC8P
Gz
FP6801-31NC8P
GG
FP6801-31CC8G
Gz=
FP6801-31NC8G
GG=
Typical Application Circuit
FP6801
VDD
GND
CD
OUT
R1
100k
Ω
Note:N-Channel Open-Drain
Output Products
VDD
CD
4.7nF
Figure 2. Typical Application Circuit of FP6801



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com