Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6808-29CS5P Datasheet(PDF) 7 Page - Fitipower Integrated Technology Inc.

Part # FP6808-29CS5P
Description  Microprocessor Reset Circuits with Short Delay Time
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6808-29CS5P Datasheet(HTML) 7 Page - Fitipower Integrated Technology Inc.

  FP6808-29CS5P Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6808-29CS5P Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6808-29CS5P Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6808-29CS5P Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6808-29CS5P Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6808-29CS5P Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6808-29CS5P Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6808-29CS5P Datasheet HTML 8Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FP6808-1.3-DEC-2012
FP6808
fitipower integrated technology lnc.
Application Information
Benefits of Highly Accurate Reset Threshold
Most microprocessor supervisor ICs has reset
threshold voltages between 5% and 10% below the
value of nominal supply voltages.
This ensures a
reset will not occur within 5% of the nominal supply,
but will occur when supply is 10% below nominal.
In
other words, the reset is guaranteed to assert after
the power supply falls out of regulation, but keeps
inactive even when power is at the minimum
specified operating voltage of the system ICs.
Negative-Going VDD Transients
In addition to issuing a reset to microprocessor during
power-up, power-down and brownout conditions,
FP6808
is
relatively
immune
to
short-duration
negative-going VCC transients (glitches).
Figure 11
shows typical transient duration vs. reset comparator
overdrive, for which the FP6808 does not generate a
reset signal.
The graph was generated by using a
negative-going pulse applied to VDD, as shown in
Figure 12, starting 0.5V above the actual reset
threshold and ending below it by the magnitude
indicated (reset comparator over-drive).
The graph
indicates
that
the
maximum
pulse
width
a
negative-going VDD transient can have without
causing a reset signal.
As the reset comparator
overdrive increases, the maximum allowable pulse
width decreases.
A typical 0.1
μF bypass capacitor
mounted as close to the VDD pin as possible provides
additional transient immunity.
Figure 11. Maximum Transient Durations Without Causing
a Reset Pulse vs. Reset Comparator Overdrive
Figure 12. The VDD with Negative Going Transients
Ensuring a Valid Reset Output Down to VDD=0
When VDD falls below 1V, the FP6808 no longer
sinks current, it will become an open circuit.
Therefore, high-impedance CMOS logic inputs
connected to OUT can drift to undetermined
voltages.
This presents no problem in most
applications
for
microprocessor’s
inoperative
condition with VDD below 1V.
However, in
applications where OUT must be valid down to 0V,
adding a pull-down resistor to OUT causes stray
leakage currents to flow to ground, providing some
impedance between OUT and ground (Figure 13).
R1 is recommended around 100kΩ.
FP6808
µP
OUT
VDD
GND
RESET
INPUT
GND
VDD
VDD
R1
100K
Figure 13. OUT Valid to VDD=Ground Circuit
Interfacing to
μPs with Bidirectional Reset Pins
Since the output of FP6808N is open drain, this
device interfaces easily with microprocessor that
has bidirectional reset pins.
Connecting the
FP6808
N’s output directly to the micro-controller’s
RESET pin with a single pull-up resistor allows
either device to assert reset (Figure 14).
FP6808-N
µP
OUT
VDD
GND
RESET
INPUT
GND
VDD
VDD
Figure 14. Interfacing to
μPs with Bidirectional Reset I/O
0
100
200
300
400
500
0
20
40
60
80
100
120
Reset Comparator Overdrive(mV)
VTH
Duration
Overdrive
V
DD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com