Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPAL00340 Datasheet(PDF) 2 Page - SiPower Inc.

Part # SPAL00340
Description  Automotive Ignition Avalanche Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPOWER [SiPower Inc.]
Direct Link  http://www.sipower.us/
Logo SIPOWER - SiPower Inc.

SPAL00340 Datasheet(HTML) 2 Page - SiPower Inc.

  SPAL00340 Datasheet HTML 1Page - SiPower Inc. SPAL00340 Datasheet HTML 2Page - SiPower Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
10
20
30
0
1
2
3
4
5
6
VFM(V)
Figure 1. Forward characteristics
0
10
20
30
40
0 30
60
90
120
150
180
T
a(℃)
Figure 2. IF---Ta Derating
0.0001
0.001
0.01
0.1
1
0
1
2
3
4
5
VRM (kV)
Figure 3. Reverse characteristics
━Ta=25℃
┅Ta=100℃
━Ta=25℃
┅Ta=100℃
SPAL00340
Automotive Ignition Avalanche Diode - 8,000V
http://www.sipower-inc.com
SiPower – The official marketing arm of Zhonghuan Semiconductor
P2/
2
Package Outline Dimensions
7
7
6 5
SiPower Inc. - Legal Notice
Disclaimer
– All data and specifications are subject to changes without notice
SiPower Inc, its affiliates, agents, distributors and employees neither accept nor assume any responsibility for errors or inaccuracies. All data and specifications are intended for information and
provide a product description only. Electrical and mechanical parameters listed in SiPower data sheets and specifications will vary dependent upon application and environmental conditions.
SiPower is not liable for any damages occurred or resulting from any circuit, product or end-use application for which its products are used. SiPower products are not intended or designed for
use in life saving or sustaining apparatus and purchase of any SiPower products automatically indemnifies SiPower against any claims or damages resulting from application malfunction.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com