Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6809-40CS3G Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6809-40CS3G
Description  3-Pin Microprocessor Reset Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6809-40CS3G Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6809-40CS3G Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6809-40CS3G Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6809-40CS3G Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6809-40CS3G Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6809-40CS3G Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6809-40CS3G Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6809-40CS3G Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6809-40CS3G Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6809-40CS3G Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
FP6809/6810-1.6-JUL-2014
FP6809/6810
fitipower integrated technology lnc.
3-Pin Microprocessor
Reset Circuits
Description
The FP6809 and FP6810 are cost-effective system
supervisory circuits which are designed to monitor
micro-processor voltage and VCC in digital systems.
They provide a reset signal to the host processor
when necessary.
These circuits assert a reset signal whenever the
VCC supply voltage declines below a preset
threshold.
They keep reset signal asserted for at
least 140ms after VCC has risen above the reset
threshold.
The FP6809-N has an open-drain output stage
which requires a pull-up resistor while FP6809-C
and FP6810-C have push-pull outputs.
The
FP6809 has an active-low
output while the
FP6810 has an active-high RESET output.
The FP6809 and FP6810 are optimized to reject
fast transient glitches on the VCC line. Low supply
current makes these devices suitable for portable
equipments.
Features
Precision Monitoring of Power-Supply Voltage
140ms Guaranteed Minimum Reset Output
Duration
Low Supply Current
VCC Transient Immunity
Small SOT-23-3 Package
No External Components
Guaranteed Reset Valid to VCC=1V
Available in Three Output Configurations
Open-Drain
Output (FP6809-N)
Push-Pull
Output (FP6809-C)
Push-Pull RESET Output (FP6810-C)
RoHS Compliant
Applications
Computer
Battery Powered Equipment
Microprocessor Power Supply Monitoring
Embedded System
Automotive
Pin Assignments
S3 Package (SOT-23-3)
1
2
3
GND
RESET
(RESET)
VCC
Figure 1. Pin Assignment of FP6809/FP6810
Ordering Information
FP6809/10-
□□□□□
TR: Tape/Reel
P: Green
G: Green
Package Type
S3: SOT-23-3
N: Open-Drain (FP6809 only)
C: Push-Pull
Reset Voltage:
23: 2.32V
40: 4.00V
26: 2.63V
44: 4.38V
29: 2.93V
46: 4.63V
31: 3.08V
FP6809: Active Low Reset
FP6810: Active High Reset
Note1: Please consult Fitipower sales office or authorized
distributors for availability of special reset voltages.


Similar Part No. - FP6809-40CS3G

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6801 FITIPOWER-FP6801 Datasheet
499Kb / 9P
Microprocessor Reset Circuits With Adjustable Delay Time
FP6801-21CC8G FITIPOWER-FP6801-21CC8G Datasheet
499Kb / 9P
Microprocessor Reset Circuits With Adjustable Delay Time
FP6801-21CC8P FITIPOWER-FP6801-21CC8P Datasheet
499Kb / 9P
Microprocessor Reset Circuits With Adjustable Delay Time
FP6801-21CS5G FITIPOWER-FP6801-21CS5G Datasheet
499Kb / 9P
Microprocessor Reset Circuits With Adjustable Delay Time
FP6801-21CS5P FITIPOWER-FP6801-21CS5P Datasheet
499Kb / 9P
Microprocessor Reset Circuits With Adjustable Delay Time
More results

Similar Description - FP6809-40CS3G

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
3-Pin Microprocessor Reset Circuits
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com