| Electronic Components Datasheet Search |
|
ISP1521 Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
ISP1521 Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 53 page ![]() Philips Semiconductors ISP1521 Hi-Speed USB hub controller Product data Rev. 03 — 24 November 2004 13 of 53 9397 750 13702 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. 9. Configuration selections The ISP1521 is configured through I/O pins and, optionally, through an external I2C-bus, in which case the hub can update its configuration descriptors as a master or as a slave. Table 3 shows the configuration parameters. [1] Multiple ganged power mode is reported as individual power mode; refer to the USB 2.0 specification. [2] When the hub uses the global overcurrent protection mode, the overcurrent indication is through the wHubStatus field bit 1 (overcurrent) and the corresponding change bit (overcurrent change). Table 3: Configuration parameters Mode and selection Option Configuration method Pin control Software control Control pin Reference Affected field Reference Number of downstream facing ports 2 ports 3 ports 4 ports 5 ports 6 ports 7 ports DM1/DP1 to DM7/DP7 see Section 9.1.1 bNbrPorts0 see Table 22 Power switching mode none ganged multiple ganged[1] individual PSW1_N to PSW7_N see Section 9.1.2 wHubCharacteristics: bits D1 and D0 see Table 22 bPwrOn2PwrGood: time interval Overcurrent protection mode none global[2] multiple ganged individual NOOC and OC1_N to OC7_N see Section 9.1.3 wHubCharacteristics: bits D4 and D3 see Table 22 Non-removable ports any port can be non-removable AMBn_N see Section 9.1.4 wHubCharacteristics: bit D2 (compound hub) see Table 22 DeviceRemovable: bit map Port indicator support no yes all GRNn_N see Section 9.1.5 wHubCharacteristics: bit D7 see Table 22 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |