Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCF100RN Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # FCF100RN
Description  Fast-acting UL Class CF CUBEFuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FCF100RN Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  FCF100RN Datasheet HTML 1Page - Eaton All Rights Reserved. FCF100RN Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast-acting UL Class CF CUBEFuse
2011/65/EU
Catalog symbol
•
FCF_RN
Description
The Bussmann™ series fast-acting CUBEFuse is
a finger-safe, current-limiting UL Class CF branch
circuit fuse. It features the smallest installed
footprint of any UL Class CC, J, RK or T fuse.
Ratings
•
Volts 600 Vac/dc
•
Amps 1-100 A
•
Interrupting rating
•
300 kA RMS Sym (UL up to 60 A)
•
200 kA (UL 70-100 A, CSA 1-100 A)
•
50 kA DC
Agency information
•
UL Listed Fuse: Guide JDDZ, File E4273
•
CSA Certified, Class 1422- 02, File 53787
•
RoHS compliant
•
CE
Catalog Numbers (amp)
FCF1RN
FCF20RN
FCF45RN
FCF90RN
FCF3RN
FCF25RN
FCF50RN
FCF100RN
FCF6RN
FCF30RN
FCF60RN
FCF10RN
FCF35RN
FCF70RN
FCF15RN
FCF40RN
FCF80RN
Electrical characteristics
•
4 minutes max clearing time at 200% rated
current for up to 30 A fuses
•
6 minutes max clearing time at 200% rated
current for 35 to 60 A fuses
•
8 minutes max clearing time at 200% rated
current for 70 to 100 A fuses
Watts loss at rated current:
Fuse amps
Watts
FCF15RN
3.48
FCF30RN
5.45
FCF60RN
7.27
FCF100RN
11.50
Operating and storage temperature range:
-40°C to 80°C
Materials
•
Case: glass filled PES (Polyethersulfone)
•
Terminals: electroless tin plated copper alloy
Features
•
The world’s first finger-safe power fuse system
•
Smallest installed footprint of any Class CC, J,
and RK fuse
•
UL Class CF meets Class J fast-acting electrical
performance requirements
•
Faster response to damaging faults to help
reduce destructive thermal and magnetic forces
•
True fast-acting fuse construction
•
High interrupting rating to safely interrupt faults
up to 300 kA
•
No venting of arc or molten metal and gases
during opening
•
Low let-through currents under fault conditions
Carton quantity and weight
Amps
Qty.
Weight lbs (kg)
up to 30
12
1.39 (0.63)
35-60
12
1.42 (0.65)
70-100
6
1.74 (0.79)
Technical Data 2147
Effective August, 2018
Supersedes April, 2018
BUSSMANN
SERIES


Similar Part No. - FCF100RN

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FCF100RN COOPER-FCF100RN Datasheet
201Kb / 2P
Fast-Acting CUBEFuse
More results

Similar Description - FCF100RN

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
Automotive Glass Fuses Fast-Acting Fast-Acting
1CJ COOPER-1CJ Datasheet
186Kb / 2P
Fast-Acting Ceramic Body, Class J
FCF1RN COOPER-FCF1RN Datasheet
201Kb / 2P
Fast-Acting CUBEFuse
logo
Littelfuse
JLLN LITTELFUSE-JLLN_18 Datasheet
893Kb / 9P
Fast-Acting
logo
Eaton All Rights Reserv...
JJN EATON-JJN Datasheet
825Kb / 4P
JJN Limitron??300Vac, 1-1200A, fast-acting Class T fuses
JKS EATON-JKS Datasheet
881Kb / 4P
JKS fast-acting Class J fuses, up to 60 A
TCF EATON-TCF Datasheet
1Mb / 6P
UL Class CF branch circuit time-delay CUBEFuse
TCFH-N EATON-TCFH-N Datasheet
1Mb / 6P
UL Class CF CUBEFuse holders
logo
List of Unclassifed Man...
FPK-R ETC-FPK-R Datasheet
519Kb / 2P
UL Class CC Fuse - Fast Acting 13/32” x 1 1/2”
Rev. A / 01-02-2022
FPK ETC-FPK Datasheet
540Kb / 2P
UL Class M Fuse - Fast Acting 13/32” x 1 1/2”
Rev. A / 01-02-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com