Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWH Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # FWH
Description  FWH 6x32mm high speed ferrule fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FWH Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  FWH Datasheet HTML 1Page - Eaton All Rights Reserved. FWH Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 720038
Effective June, 2015
Supersedes December 2015
BUSSMANN
SERIES
FWH 6x32mm high speed ferrule fuses
Catalog symbols:
FWH-(amp)A6F
FWH-(amp)A6FR (RoHS compliant)
FWH5-(amp)A6F
FWH5-(amp)A6FR (RoHS compliant)
Description:
Eaton’s Bussmannseries of FWH 6x32mm
ferrule high speed fuses are for the protection of
DC common bus, DC drives, power converters/
rectifiers and reduced rated voltage starters.
Ratings
Volts
500 Vac (0.25-1 A and 3.15-30 A)
1000 Vac (2 A)
600 Vdc (1-5 A)
Amps
0.25-30 A
Interrupting rating
50 kA AC (0.25-1 A and 3.15-20 A)
30 kA AC (2 A)
20 kA AC (25-30 A)
50 kA DC (1-5 A)
Agency information
UL Recognized JFHR2, E91958, 0.25-7A
UL Recognized JDXY2, E19180, 10-30A
CSA Component Acceptance file Class
1422-30, 1422-90 (53787) 0.25-7A
RoHS compliant
CE
Opening times:
Amp range
150%
200%
300%
Min IR
0.25-7A
> 30 min. > 30 min. ≤ 10 sec.
300 %
10-30A
200 %
Dimensions:
31.8
(1.25)
3.2
(0.125)
6.4
(0.25)
Features:
Low watts loss in a compact size
Excellent cycling capability and DC performance
Low arc voltage and low energy let-through (I2t)
Typical applications:
DC common bus
DC drives
Power converters/rectifiers
Reduced voltage starters


Similar Part No. - FWH

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWH-.250A6F COOPER-FWH-.250A6F Datasheet
1Mb / 21P
Ferrule fuses
FWH-.500A6F COOPER-FWH-.500A6F Datasheet
1Mb / 21P
Ferrule fuses
FWH-001A6F COOPER-FWH-001A6F Datasheet
1Mb / 21P
Ferrule fuses
FWH-001A6F COOPER-FWH-001A6F Datasheet
297Kb / 2P
6x32mm high speed ferrule fuses
FWH-002A6F COOPER-FWH-002A6F Datasheet
1Mb / 21P
Ferrule fuses
More results

Similar Description - FWH

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWA COOPER-FWA Datasheet
750Kb / 20P
High Speed Fuses
1302-C001-AA COOPER-1302-C001-AA Datasheet
150Kb / 20P
High Speed Fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
Ferrule style high speed fuses.
FWP-30A14FI COOPER-FWP-30A14FI Datasheet
1Mb / 21P
Ferrule fuses
BBS-1 COOPER-BBS-1 Datasheet
53Kb / 1P
Fast-Acting Ferrule Fuses
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
Fast-Acting Ferrule Fuses
DMM-B-11A COOPER-DMM-B-11A Datasheet
93Kb / 2P
Fast-Acting Ferrule Fuses
KTQ COOPER-KTQ Datasheet
74Kb / 1P
Ferrule Type, Fast-Acting Fuses
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
6x32mm high speed ferrule fuses
FWH-300A COOPER-FWH-300A Datasheet
160Kb / 2P
High Speed Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com