Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPC71P016A Datasheet(PDF) 11 Page - Generalplus Technology Inc.

Part # GPC71P016A
Description  4-bit Speech with SPU
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC71P016A Datasheet(HTML) 11 Page - Generalplus Technology Inc.

Back Button GPC71P016A Datasheet HTML 7Page - Generalplus Technology Inc. GPC71P016A Datasheet HTML 8Page - Generalplus Technology Inc. GPC71P016A Datasheet HTML 9Page - Generalplus Technology Inc. GPC71P016A Datasheet HTML 10Page - Generalplus Technology Inc. GPC71P016A Datasheet HTML 11Page - Generalplus Technology Inc. GPC71P016A Datasheet HTML 12Page - Generalplus Technology Inc. GPC71P016A Datasheet HTML 13Page - Generalplus Technology Inc. GPC71P016A Datasheet HTML 14Page - Generalplus Technology Inc. GPC71P016A Datasheet HTML 15Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
GPC71PXXXA
© Generalplus Technology Inc.
Proprietary & Confidential
11
Dec. 20, 2016
Version: 1.2
8.4 Operating Current (Iop) and VDD
Iop vs. VDD
0.00
1.00
2.00
3.00
4.00
5.00
6.00
2.0
3.0
4.0
5.0
6.0
VDD(V)
080A/064A/048A/032A/
016A-CPU 2M
080A/064A/048A/032A/
016A-CPU 1M
340A/170A-CUP 2M
340A/170A-CPU 1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com