Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JJS-225 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # JJS-225
Description  JJS Limitron??600Vac, 1-800A, fast-acting Class T fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

JJS-225 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  JJS-225 Datasheet HTML 1Page - Eaton All Rights Reserved. JJS-225 Datasheet HTML 2Page - Eaton All Rights Reserved. JJS-225 Datasheet HTML 3Page - Eaton All Rights Reserved. JJS-225 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data
Effective December 2017
JJS — 600Vac, 1-800A, fast-acting ClassT fuses
Eaton.com/bussmannseries
Dimensions – in
Custom designs
Printed circuit board versions available up to 60 amps. Consult your
Bussmann series product representative for details.
UL Component Recognized, Guide JFHR2, File E56412.
Dimensions — in
3.98
2.95
1.78
1.25
450 to 600 A
3.63
2.72
1.73
1
225 to 400 A
601 to 800 A
4.33
3.17
1.88
1.75
0.88
3.25
2.5
1.66
110 to 200 A
Dia. 0.56
1 to 30 A
1.5
Dia. 0.81
0.75
2.95
2.36
1.64
70 to 100 A
Ø 0.344
Ø 0.563
Ø 0.484
Ø 0.406
Ø 0.281
35 to 60 A
1.56
1.00
1.885
0.750
0.795
0.500
0.324
0.200 min.
1.562"
1.432"
0.806"
0.150"
0.806"



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com