Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPJ-100SP Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # LPJ-100SP
Description  Low-Peak??LPJ Class J 600Vac/300Vdc, 70-600A, dual element, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LPJ-100SP Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  LPJ-100SP Datasheet HTML 1Page - Eaton All Rights Reserved. LPJ-100SP Datasheet HTML 2Page - Eaton All Rights Reserved. LPJ-100SP Datasheet HTML 3Page - Eaton All Rights Reserved. LPJ-100SP Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 1007
Effective August 2018
Low-Peak™ LPJ Class J 600Vac/300Vdc, 70-600A,
dual element, time-delay fuses
Eaton.com/bussmannseries
Time-current curves - average melt:
Recommended fuse blocks:
Fuse amps
1-Pole
2-Pole
3-Pole
70-100
JM60100-1CR
JM60100-2CR
JM60100-3CR
110-200
JM60200-1CR
JM60200-2CR
JM60200-3CR
225-400
JM60400-1CR
JM60400-2CR
JM60400-3CR
450-600
JM60600-1CR
JM60600-2CR
JM60600-3CR
For additional information on the JM fuse blocks, see product
brochure no. 3192.
Fuse reducers for Class J fuses:
Equipment fuse clips
Desired fuse
(case) size
Catalog numbers
(pairs)
100A
30A
J-13
60A
J-16
200A
60A
J-26†
100A
J-21†
400A
100A
J-41†
200A
J-42†
600A
200A
J-62†
400A
J-64†
† Not for bolt-in applications.
AMP RATING
300
100
10
1
0.1
0.01
CURRENT IN AMPS
200



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com