Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPCE048A Datasheet(PDF) 22 Page - Generalplus Technology Inc.

Part # GPCE048A
Description  16-bit Sound Controller With 24K X 16 RO M
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE048A Datasheet(HTML) 22 Page - Generalplus Technology Inc.

Back Button GPCE048A Datasheet HTML 17Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 18Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 19Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 20Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 21Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 22Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 23Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 24Page - Generalplus Technology Inc. GPCE048A Datasheet HTML 25Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
GPCE048A
© Generalplus Technology Inc.
Proprietary & Confidential
22
Oct. 04, 2013
Version: 1.3
8.3.2. Application Circuit-(3) without regulator
Note*: These capacitor values are for design guidance only. The recommended 32K XTAL features are ESR=11.2~35K and CL1=CL2 =20~30pF (including
PCB parasitic loading, for example, user should apply additional 14~24pF on X32I and X32O if PCB parasitic loading is 6pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com