Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPCE2048A Datasheet(PDF) 8 Page - Generalplus Technology Inc.

Part # GPCE2048A
Description  16-bit Sound Controller with 24K X 16 ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE2048A Datasheet(HTML) 8 Page - Generalplus Technology Inc.

Back Button GPCE2048A Datasheet HTML 4Page - Generalplus Technology Inc. GPCE2048A Datasheet HTML 5Page - Generalplus Technology Inc. GPCE2048A Datasheet HTML 6Page - Generalplus Technology Inc. GPCE2048A Datasheet HTML 7Page - Generalplus Technology Inc. GPCE2048A Datasheet HTML 8Page - Generalplus Technology Inc. GPCE2048A Datasheet HTML 9Page - Generalplus Technology Inc. GPCE2048A Datasheet HTML 10Page - Generalplus Technology Inc. GPCE2048A Datasheet HTML 11Page - Generalplus Technology Inc. GPCE2048A Datasheet HTML 12Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
GPCE2048A
© Generalplus Technology Inc.
Proprietary & Confidential
8
Jun 02, 2016
Version: 1.2
6 FUNCTION DESCRIPTIONS
6.1 CPU
The
GPCE2048A
is
equipped
with
a
16-bit
’nSP™
microprocessor developed by Sunplus.
Eight registers are
involved in
’nSP™: R1 - R4 (General-purpose registers), PC
(Program Counter), SP (Stack Pointer), Base Pointer (BP) and
SR (Segment Register).
The interrupts include three FIQs (Fast
Interrupt Request) and eight IRQs (Interrupt Request), plus one
software-interrupt, BREAK.
6.2 Memory
6.2.1 SRAM
The amount of SRAM is 2K-word (including Stack), ranged from
$0000 through $07FF with access speed of two CPU clock
cycles.
Fosc/n
n:1,2,4,8,16,32,64
b2 b1 b0
of P_SystemClock(W)($2030H)
CPU clock frequency selection
CPU Clock
32768Hz X'tal
b7,b6,b5 of P_SystemClock(W)($2030H)
System clock frequency selection
(Default : Fosc/8)
Phase Lock Loop
(PLL)
System Clock generator
PLL OUT
FOSC
b7
b6
b5
24.576MHz(default)
20.48MHz
32.768MHz
40.96MHz
49.152MHz
6.2.2 ROM
GPCE2048A features a 24K-word high-speed memory with
access speed of two CPU clock cycles.
6.3 PLL, Clock, Power Mode
6.3.1 PLL (Phase Lock Loop)
The purpose of PLL is to provide a base frequency (32768Hz)
and to pump the frequency from 20.48MHz to 49.152MHz for
system clock (FOSC).
The default PLL frequency is 24.576MHz.
6.3.1.1
System clock
Basically, the system clock is provided by PLL and programmed
by the Port_SystemClock (R/W) to determine the clock frequency
for system.
The default system clock FOSC = 24.576MHz and
CPU clock is FOSC/8 if not specified.
The initial CPU clock is
Fosc/8 after system wakes up and adjusts to desired CPU clock
via programming the Port_SystemClock (R/W).
This avoids
ROM reading failure when system awakes.
6.3.1.2
32768Hz RTC
The Real Time Clock (RTC) is normally used in watch, clock or
other time related products.
A 2Hz-RTC (0.5 seconds) function
is loaded in GPCE2048A.
The RTC counts the time as well as
to wake CPU up whenever RTC occurs.
Since the RTC is
generated each 0.5 seconds, time can be traced by the number
of RTC occurrences.
In addition, GPCE2048A supports
32768Hz crystal oscillator in normal mode and auto-power-saving
mode.
In normal mode, 32768Hz OSC always runs at the
highest power consumption.
In auto-power-saving mode,
however, it runs at normal mode for the first 7.5 seconds and
switches back to power-saving mode automatically to save
powers.
6.4 Standby Mode
The GPCE2048A features a power savings mode (or called
standby mode) for low power applications.
To enter standby
mode, the desired key wakeup port (IOA[15:0]) must be
configured to input first.
And read the Port_IOA_Data to latch
the IOA state before entering the standby mode.
Also
remember to enable the corresponding interrupt source(s) for
wakeup.
After that, stop the CPU clock by writing $5555 into
Port_System_Sleep(W) to enter standby mode.
In such mode,
SRAM and I/Os remain in the previous states until CPU being
awakened.
The wakeup sources in GPCE2048A include KEY
wakeup (IOA[15:0]), RTC wakeup, FIQ and IRQ0 - IRQ7.
After
GPCE2048A is awakened, CPU will continue to execute the
program from where it slept.
Programmer can also enable or
disable the 32768Hz RTC when CPU is in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com