Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISCN70D Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCN70D
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCN70D Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCN70D Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCN70D Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Silicon NPN Power Transistor
ISCN70D
ELECTRICAL CHARACTERISTICS
TC =25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
ICBO
Collector Cutoff Current
VCB= 200V; IE= 0
100
nA
IEBO
Emitter Cutoff Current
VEB= 3V; IC= 0
100
nA
hFE
DC Current Gain
IC= 10m A ; VCE=10V
60
300
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 10mA ;IB=1mA
0.3
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 10mA ;IB= 1mA
1.2
V
fT
Current-Gain—Bandwidth Product
IE= 30mA ; VCE= 30V
200
MHz
COB
Output Capacitance
IE= 0 ; VCB= 30V;ftest= 1.0MHz
3.5
pF
hFE Classifications
M
L
K
60-120
100-200
160-300



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com