Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CL2060 Datasheet(PDF) 2 Page - SiPower Inc.

Part # 2CL2060
Description  High Voltage Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPOWER [SiPower Inc.]
Direct Link  http://www.sipower.us/
Logo SIPOWER - SiPower Inc.

2CL2060 Datasheet(HTML) 2 Page - SiPower Inc.

  2CL2060 Datasheet HTML 1Page - SiPower Inc. 2CL2060 Datasheet HTML 2Page - SiPower Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Forward Characteristics
0
2
4
6
8
10
1
0.1
0.01
10
1.0
0.1
0.01
0
2
4
6
Reverse Characteristics
Characteristics(Typical)
Ta=100
Ta=25
Ta=25
VRM kV
VFM V
Surge Forward Current Capability
Number of Cycles
100
1
10
30
25
20
15
10
5
0
10ms 10ms
1cycle
0
sine wave
non-repetitive
Ta=25
0.2
0.15
0.1
0.05
0
IF AV
Ta Derating
0
25
50
75
100
125
150
Ta
http://
www.sipower-inc.com
SiPower - The official marketing arm of Zhonghuan Semiconductor
Power Semiconductor Technology
2CL2060
High Voltage Diodes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com