Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KI010NDS Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KI010NDS
Description  N-Channel MOSFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KI010NDS Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KI010NDS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
N-Channel MOSFET
KI010NDS
■
Features
●
VDS (V) = 20V
●
ID = 6 A (VGS = 10V)
●
RDS(ON) < 12mΩ (VGS = 4.5V)
●
RDS(ON) < 18mΩ (VGS = 2.5V)
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
0.15 +0.02
-0.02
1. Gate
2. Source
3. Drain
■
Absolute Maximum Ratings Ta = 25℃
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
20
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V, VGS=0V,TJ=25℃
1
uA
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±12V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250μA
0.5
1
V
VGS=4.5V, ID=6A
12
VGS=2.5V, ID=5A
18
mΩ
RDS(On)
Static Drain-Source On-Resistance
■
Marking
Marking
010N
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
20
Gate-Source Voltage
VGS
±
12
Continuous Drain Current
ID
6
A
Power Dissipation
PD
2
W
Thermal Resistance.Junction- to-Ambient
RthJA
62.5
℃
/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
℃


Similar Part No. - KI010NDS

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KI013P KEXIN-KI013P Datasheet
169Kb / 4P
P-Channel Enhancement MOSFET
KI015P KEXIN-KI015P Datasheet
423Kb / 4P
P-Channel MOSFET
KI016N KEXIN-KI016N Datasheet
277Kb / 4P
N-Channel MOSFET
More results

Similar Description - KI010NDS

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com