Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA002 Datasheet(PDF) 1 Page - Dongguan Xinkang Electronic Technology Co., Ltd.

Part # TDA002
Description  ADSL Line Transformer Through Hole Magnetics
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TNK [Dongguan Xinkang Electronic Technology Co., Ltd.]
Direct Link  http://www.tnk.net.cn/
Logo TNK - Dongguan Xinkang Electronic Technology Co., Ltd.

TDA002 Datasheet(HTML) 1 Page - Dongguan Xinkang Electronic Technology Co., Ltd.

  TDA002 Datasheet HTML 1Page - Dongguan Xinkang Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADSL Line Transformer Through Hole
Magnetics
东莞市讯康电子科技股份有限公司
地址:广东省东莞市塘厦镇林村里牙塘工业区 145 号
TEL:(86)769-87923451
FAX:(86)769-87923450
WEBSITE:http://www.tnk.net.cn
-
Mechanical
Schematics
NOTE:
1、Units:mm;
2、PIN3 are removed;
3、Uniess otherwise specified all tolerances are:±0.25mm;
Electrical Specifications @ 25℃
Part
Number
Turns Ratio
OCL
@10KHz 100mV
LL
@100KHz 100mV
DCR
(Ω max)
THD
@30KHz 4.5 V
Hi-Pot
1-5:10-6
(
2-4,7-9 short)
1-5
(2-4 short)
1-5
(2-4,6-7-9-10)
1-4
2-5
9-6
10-7
TDA002
1.6: 1±2%
410uH ±5%
10 uH max
1.0
1.0
0.40
0.35
-80dB MAX.
1875/1S/1mA
10
6
51
10
6
51
PIN3 拔掉
10
2.5
0.6±0.1
10±0.5
14 MAX.
YYWW
2.5±0.2
?0
.9
TDA002
ADSL Transformer
RoHS compliance product
EN60950 Basic Insulation Compliant-250Vrms
Operating temperature range:-40
0C to +850C
9
6
7
10
4
5
2


Similar Part No. - TDA002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA0161 STMICROELECTRONICS-TDA0161 Datasheet
125Kb / 6P
PROXIMITY DETECTORS
Apr-1993
TDA0161DP STMICROELECTRONICS-TDA0161DP Datasheet
125Kb / 6P
PROXIMITY DETECTORS
Apr-1993
TDA0161DP STMICROELECTRONICS-TDA0161DP Datasheet
559Kb / 12P
Proximity Detectors
12-Oct-2005
TDA0161FP STMICROELECTRONICS-TDA0161FP Datasheet
125Kb / 6P
PROXIMITY DETECTORS
Apr-1993
TDA0161FP STMICROELECTRONICS-TDA0161FP Datasheet
559Kb / 12P
Proximity Detectors
12-Oct-2005
More results

Similar Description - TDA002

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP016DI ALLIED-AEP016DI Datasheet
351Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP025DI ALLIED-AEP025DI Datasheet
372Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP026DI ALLIED-AEP026DI Datasheet
353Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP028DI ALLIED-AEP028DI Datasheet
436Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP034DI ALLIED-AEP034DI Datasheet
403Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP081DI ALLIED-AEP081DI Datasheet
445Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP109DI ALLIED-AEP109DI Datasheet
481Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP132DI ALLIED-AEP132DI Datasheet
385Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP162DI ALLIED-AEP162DI Datasheet
367Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
logo
Dongguan Xinkang Electr...
TDA082 TNK-TDA082 Datasheet
117Kb / 1P
ADSL Line Transformer Through Hole Magnetics
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com