Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCR2821 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # RCR2821
Description  PFM Step-up DC/DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

RCR2821 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  RCR2821 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd RCR2821 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd RCR2821 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd RCR2821 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd RCR2821 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ordering Information
RCR2821
- □□
□ □
Package Type
SK: SOT23-5L;SM: SOT89
Output Voltage
… 20 = 2.0V; 25 = 2.5V; 30 = 3.0V; 33 = 3.3V; 36 = 3.6V; 50 = 5.0V…
Indicate the product number
Parameter
Symbol
Ratings
Unit
Output Voltage
VOUT
-0.3 to +10
V
LX Pin Voltage
VLX
-0.3 to +10
V
EN Pin Voltage
EN
-0.3 to +10
V
LX Pin Output Current
ILX
1
A
SOT23-5L
250
Power Dissipation ( TA = 25℃)
PD
SOT89
500
mW
Operating Temperature Range
TOPR
-40 to 125
℃
Storage Temperature Range
TSTG
-65 to 150
℃
SMD Type
IC
www.kexin.com.cn
2
RCR2821
Functional Block Diagram
Absolute Maximum Ratings



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com