Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCPLP Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # CCPLP
Description  Low Profile Compact Circuit Protector (CCPLP)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CCPLP Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  CCPLP Datasheet HTML 1Page - Eaton All Rights Reserved. CCPLP Datasheet HTML 2Page - Eaton All Rights Reserved. CCPLP Datasheet HTML 3Page - Eaton All Rights Reserved. CCPLP Datasheet HTML 4Page - Eaton All Rights Reserved. CCPLP Datasheet HTML 5Page - Eaton All Rights Reserved. CCPLP Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Technical Data 10372
Effective December 2015
Low Profile Compact Circuit Protector (CCPLP)
UL Class G, CC, midget and IEC 10x38mm fused disconnect switches
Eaton.com/bussmannseries
Features:
•
Suitable for global installations accepting UL Class G and CC,
midget or IEC gG and aM fuses
•
Full voltage rated up to 600Vac
•
High Short-Circuit Current Ratings (SCCR) up to 200kA (UL)
and 120kA (IEC)
•
Mounting and panel layout dimensions match common
low-profile circuit breakers to provide an easy, alternative
fused circuit protection solution .
•
Disconnect rated to provide means for load isolation
•
Extremely compact design at 19mm wide per pole
•
Class CC version is suitable for branch circuit disconnect and
branch circuit protection
•
IEC 10x38 version is suitable for branch circuit disconnect and
branch circuit protection
•
Local open fuse indication on each pole standard
•
Finger-safe IP20 from panel front for added safety
•
Built-in switch handle / fuse access door interlock prohibits
removing the fuse under load
•
Lockout/tagout provisions made by using Brady pin-out
device P/N 90844
•
Circuit labeling provisions for easy identification using
TM26CB labels (order separately)
* Use Brady pin-out device, P/N 90844
Switch handle (ganged on 2- and 3-pole versions)
Fuse access door
Circuit
marking
area
10/32 phil-slot
screw or
pressure plate
terminal
Open fuse indicating light
Lockout/
tagout
provision*
Mounting holes
for customer
supplied
M3 screws
Phase
barrier
Available Bussmann series fuses:
Fuse
Class
Type/description
Volts
Data
sheet No.
CC
LP-CC time-delay,
current-limiting
600Vac
1023
CC
FNQ-R time-delay
600Vac
1014
CC
KTK-R fast-acting
600Vac
1015
G
SC time-delay (20A)
600Vac
1024
M
FNM time-delay
250Vac
2028
M
FNQ time-delay
500Vac
1012
M
KTK fast-acting
600Vac
1011
M
BAF fast-acting
250Vac
2011
M
KLM fast-acting
600Vac
2020
gG
C10G (0 .5-25A)
500Vac
720115
gG
C10G (32A)
400Vac
720115
aM
C10M (0 .16-16A)
550Vac
720115
aM
C10M (20-25A)
400Vac
720115



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com