Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC146D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC146D
Description  6-A AND 10-A SILICON TRIACS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SC146D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC146D Datasheet HTML 1Page - List of Unclassifed Manufacturers SC146D Datasheet HTML 2Page - List of Unclassifed Manufacturers SC146D Datasheet HTML 3Page - List of Unclassifed Manufacturers SC146D Datasheet HTML 4Page - List of Unclassifed Manufacturers SC146D Datasheet HTML 5Page - List of Unclassifed Manufacturers SC146D Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - SC146D

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
SC146D DIGITRON-SC146D Datasheet
231Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
logo
Inchange Semiconductor ...
SC146D ISC-SC146D Datasheet
173Kb / 1P
isc Thyristors
More results

Similar Description - SC146D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BTA22 ETC-BTA22 Datasheet
269Kb / 5P
10-A SILICON TRIACS
T2700 ETC-T2700 Datasheet
222Kb / 5P
HIGH VOLTAGE 6-A SILICON TRIACS
BTA23 ETC-BTA23 Datasheet
269Kb / 5P
12-A SILICON TRIACS
logo
Littelfuse
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
Alternistor Triacs (6 A to 40 A)
logo
Solid State Optronic
2N5754 SSOUSA-2N5754 Datasheet
199Kb / 4P
2.5-A Silicon Triacs
logo
GE Solid State
BTA20 GESS-BTA20 Datasheet
238Kb / 5P
6-A Silicon Triacs For Power-Control and Power-Switching Applications
logo
NXP Semiconductors
BT236X NXP-BT236X Datasheet
87Kb / 12P
6 A Four-quadrant triacs
Rev. 02-14 March 2006
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
40-A Silicon Triacs
T6401 NJSEMI-T6401 Datasheet
99Kb / 2P
30-A Silicon Triacs
T2700 NJSEMI-T2700 Datasheet
80Kb / 2P
High Voltage, 6-A Silicon Triacs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com