Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA033ST Datasheet(PDF) 9 Page - Rohm

Part # BA033ST
Description  Regulator, low drop-out type with ON/OFF switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA033ST Datasheet(HTML) 9 Page - Rohm

Back Button BA033ST Datasheet HTML 2Page - Rohm BA033ST Datasheet HTML 3Page - Rohm BA033ST Datasheet HTML 4Page - Rohm BA033ST Datasheet HTML 5Page - Rohm BA033ST Datasheet HTML 6Page - Rohm BA033ST Datasheet HTML 7Page - Rohm BA033ST Datasheet HTML 8Page - Rohm BA033ST Datasheet HTML 9Page - Rohm BA033ST Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
BA
ΟΟST / BAΟΟSFP series
Regulator ICs
(9) When the connected load which contains a big inductance component in an output terminal is connected and the
occurrence of a reverse electromotive force can be considered at the time of and power-output OFF at the time of starting,
I ask the insertion of protection diode of you.
(Example)
Output
pin
(10) Although it is sure that the example of an application circuit should be recommended, in a usage, I fully ask the
validation of a property of you.
In addition, when you alter the circuit constant with outside and you become a usage, please see and decide sufficient
margin in consideration of the dispersion in an external component and IC of our company etc. not only including the static
characteristic but including a transient characteristic.
This IC is monolithic IC and has P+ isolation and P substrate for an isolation between each element.
A P-N junction is formed by these P layers and N layers of each element, and various kinds of parasitic elements are
formed. For example, when the resistor and the transistor are connected with the pin like the example of a simple
architecture,
•At a resistor, it is at the time of GND > (PIN A), at a transistor (NPN), it is at the time of GND > (PIN B),
A P-N junction operates as parasitism diode.
•At a transistor (NPN), it is at the time of GND > (PIN B),
The NPN transistor of a parasitic element operates by N layers of other elements which approach with the above-
mentioned parasitism diode.
A parasitic element is inevitably made according to a potential relation on the architecture of IC.
When a parasitic element operates, the interference of a circuit operation is caused and the cause of a malfunction, as a
result a destructive is obtained.
Therefore, please be fully careful of impressing a voltage lower than GND(P substrate) to an input/output terminal etc. not
to carry out usage with which a parasitic element operates.
(Pin A)
(Pin A)
Resistor
P substrate
N
GND
GND
N
P
N
P
+
P
+
Parasitic elements
Parasitic elements
(Pin B)
Transistor (NPN)
P substrate
N
C
B
E
GND
N
N
P
N
P
+
P
+
Parasitic elements
Parasitic elements
GND
(Pin B)
GND
C
E
B
Other approaching
elements
The example of a simple architecture of bipolar IC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com