Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2222 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBT2222
Description  NPN General Purpose Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBT2222 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBT2222 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
0.4
+0.1
-0.1
2.9
+0.1
-0.1
0.95
+0.1
-0.1
1.9
+0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1
+0.05
-0.01
NPN General Purpose Amplifier
MMBT2222
■ Features
● Epitaxial planar die construction.
● Complementary PNP type available(MMBT2907)
■ Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
30
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
600
mA
Power dissipation
PD
250
mW
Thermal resistance from junction to ambient
RθJA
500
℃/W
Operating and Storage and Temperature Range
Tj, TSTG
-55 to +150
℃
■ Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
V(BR)CBO
IC = 10 μA, IE = 0
75
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 10 mA, IB = 0
40
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IC = 10 μA, IC = 0
6
V
Collector cutoff current
ICBO
VCB=50V, IE=0
10
nA
Emitter cutoff current
IEBO
VEB= 3V, IC=0
100
nA
VCE=10V, IC= 0.1mA
35
VCE=10V, IC= 150mA
100
300
VCE=10V, IC= 500mA
30
IC = 150 mA; IB = 15 mA
0.4
V
IC = 500 mA; IB = 50 mA
1.6
V
IC = 150 mA; IB = 15 mA
1.3
V
IC = 500 mA; IB = 50 mA
2.6
V
Transition frequency
fT
IC = 20 mA; VCE = 20 V; f = 100 MHz
250
MHz
Delay time
td
10
ns
Rise time
tr
25
ns
Storage time
ts
225
ns
Fall time
tf
60
ns
* pulse test: Pulse Width ≤300μs, Duty Cycle≤ 2.0%.
hFE
DC current gain
VCC=30V, IC=150mA,IB1=-IB2=15mA
VCC=30V, VBE(off)=-0.5V,
IC=150mA , IB1= 15mA
collector-emitter saturation voltage *
VCE(sat)
VBE(sat)
base-emitter saturation voltage *
■ Marking
Marking
M1B


Similar Part No. - MMBT2222

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBT2222 PHILIPS-MMBT2222 Datasheet
47Kb / 8P
NPN switching transistor
2000 Apr 11
logo
Samsung semiconductor
MMBT2222 SAMSUNG-MMBT2222 Datasheet
67Kb / 2P
NPN (GENERAL PURPOSE TRANSISTOR)
logo
Diotec Semiconductor
MMBT2222 DIOTEC-MMBT2222 Datasheet
60Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Weitron Technology
MMBT2222 WEITRON-MMBT2222 Datasheet
367Kb / 6P
NPN General Purpose Transistors
logo
Fairchild Semiconductor
MMBT2222 FAIRCHILD-MMBT2222 Datasheet
49Kb / 4P
NPN General Purpose Amplifier
More results

Similar Description - MMBT2222

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
NPN General Purpose Amplifier
PN3566 FAIRCHILD-PN3566 Datasheet
26Kb / 3P
NPN General Purpose Amplifier
TN2219A FAIRCHILD-TN2219A Datasheet
39Kb / 3P
NPN General Purpose Amplifier
MMBT5550 FAIRCHILD-MMBT5550 Datasheet
105Kb / 6P
NPN General Purpose Amplifier
logo
Micro Commercial Compon...
2SC3265-O MCC-2SC3265-O Datasheet
331Kb / 3P
NPN General Purpose Amplifier
MMBT4401 MCC-MMBT4401_11 Datasheet
189Kb / 4P
NPN General Purpose Amplifier
logo
Unisonic Technologies
2N5088 UTC-2N5088_12 Datasheet
96Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
MMBT5088 UTC-MMBT5088_10 Datasheet
301Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
PZT2222A UTC-PZT2222A_12 Datasheet
276Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com