Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTH10 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBTH10
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBTH10 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBTH10 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBTH10 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd MMBTH10 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
NPN Transistors
MMBTH10 (KMBTH10)
■
Typical Characterisitics
0
25
50
75
100
125
150
0
45
90
135
180
225
270
10
0
300
600
900
1200
1
3
P
C
—— T
a
AMBIENT TEMPERATURE T
a
( )
℃
f
T
——
I
C
COMMON EMITTER
V
CE=10V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com