Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCP8404 Datasheet(PDF) 10 Page - Guangdong Kexin Industrial Co.,Ltd

Part # TPCP8404
Description  Silicon P,N Channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

TPCP8404 Datasheet(HTML) 10 Page - Guangdong Kexin Industrial Co.,Ltd

Back Button TPCP8404 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 8Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 9Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 10Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Transistors
www.kexin.com.cn
10
MOSFET
SMD Type
10
0.1
100
10
1
100
10 ms
*
1ms
*
VDSS
max
1
0.01
0.01
1
0.001
10
100
1000
0.01
0.1
1
10
100
1000
(1)
(2)
(3)
(4)
rth – tw
Pulse width
tw (s)
Single pulse
Drain source voltage
VDS (V)
Safe operating area
ID max (Pulse) *
Device mounted on a glass-epoxy board (a) (Note 2a)
(1) Single-device operation (Note 3a)
(2) Single-device value at dual operation (Note 3b)
Device mounted on a glass-epoxy board (b) (Note 2b)
(3) Single-device operation (Note 3a)
(4) Single-device value at dual operation (Note 3b)
* Single pulse
Ta
= 25°C
Curves must be derated
linearly with increase in
temperature.
Typical Characterisitics (N-ch)
Silicon P,N Channel MOSFET
TPCP8404



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com