Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETA7014S2G Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA7014S2G
Description  36V High Side Over-Voltage Protector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA7014S2G Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA7014S2G Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA7014
www.etasolution.com
1
Powering Minds of the Smart
36V High Side Over-Voltage Protector
DESCRIPTION
FEATURES
ETA7014 is a high voltage 36V over voltage protector (OVP)
which has a very low 35mohm on resistance, by only change
the external connecting. It can be used as an OVP device or a
high voltage switch.
ETA7014 consists of a charge pump, a configurable power
MOSFET, a voltage reference, a gate driver and some logics
and protection modules. ETA7014 can react to an input surge
very fast and shut off the switch in less than 0.1us and stand
the voltage spike as high as 20V.
ETA7014 is in SOT23-6 package.
36V standoff voltage
35mohm on resistance
Input OVP with 0.1us reaction time
Protection voltage programmable by Vfb=1.26V
SCP and OTP
Enable pin available for switch on and off
APPLICATIONS
All electronic devices with input DC power plug
E-Cigarette
Car Camera
Cellphone
TYPICAL APPLICATION
ORDERING INFORMATION
PART
PACKAGE
TOP MARK
Pcs/Reel
ETA7014S2G
SOT23-6
MA| YW (YW: date code)
3000


Similar Part No. - ETA7014S2G

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA7014S2G ETA-ETA7014S2G Datasheet
1Mb / 8P
36V High Side Over-Voltage Protector
Rev 2.1
More results

Similar Description - ETA7014S2G

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX1690 ANPEC-APX1690 Datasheet
79Kb / 8P
9-Set Over Voltage Protector
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1 Datasheet
72Kb / 8P
Over Voltage Protected High Side Switch
September, 2001 ??Rev. 2
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_06 Datasheet
62Kb / 4P
Over Voltage Protected High Side Switch
April, 2006 ??Rev. 4
logo
Fairchild Semiconductor
FR014H5JZ FAIRCHILD-FR014H5JZ Datasheet
809Kb / 12P
High-Side Reverse Bias / Reverse Polarity Protector With Integrated Over Voltage Transient Suppression
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_14 Datasheet
63Kb / 4P
Over Voltage Protected High Side Switch
June, 2014 ??Rev. 8
logo
ETA SOLUTIONS CO. LIMIT...
ETA7008 ETA-ETA7008 Datasheet
366Kb / 1P
36V Over-Voltage-Protector with 34mohm On Resistance
ETA7016 ETA-ETA7016 Datasheet
281Kb / 1P
36V Surge Voltage High Side Over-Voltage Protector with 500V 7V TVS in DFN3x3
ETA7028 ETA-ETA7028 Datasheet
321Kb / 1P
36V Over-Voltage-Protector with 30mohm On Resistance
ETA7116 ETA-ETA7116 Datasheet
280Kb / 1P
36V Surge Voltage High Side Over Voltage Protector with 300V 13.2V TVS in DFN3x3
logo
Lowpower Semiconductor ...
LP5304 POWER-LP5304 Datasheet
511Kb / 6P
36V/5A Over Voltage Protection IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com