Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7130 Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # HT7130
Description  30mA Linear Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

HT7130 Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  HT7130 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. HT7130 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. HT7130 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. HT7130 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
HT71XX 系列(文件编号:S&CIC0914)
30mA 线性稳压调节器
第 1 页 共 4 页
一、
概述
HT71XX 系列是三端低功耗的线性调节稳压器(也叫 LDO)
,输入电压范围可达到 24V。有输出电压 3.0V、3.3V、
3.6V 共 3 款可选。
CMOS 工艺确保低 dropout,低静态电流。
二、
特点
低功耗
低压差
低温度系数
高输入电压(可达到 24V)
输出电压精度:±3%
采用 TO-92 封装形式
三、
产品应用
电池供电设备
通信设备
音频、视频设备
四、
选择表
封装型号
输出电压
公差
封装形式
HT7130
3.0V
±3%
TO-92
HT7133
3.3V
±3%
HT7136
3.6V
±3%
五、
内部方框图
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
5-Sep-2011
Sheet of
File:
E:\E盘\规格书\规格图\规格图-0\ZBO\HT7133.ddb
Drawn By:
VIN
GND
VOUT
Vre f


Similar Part No. - HT7130

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7130 HOLTEK-HT7130 Datasheet
94Kb / 8P
High Voltage Regulator
August 8, 2000
logo
Multicomp Pro
HT7130 MULTICOMP-HT7130 Datasheet
253Kb / 3P
High Voltage LDO Regulator
29/07/24 V1.0
logo
Holtek Semiconductor In...
HT7130-1 HOLTEK-HT7130-1 Datasheet
148Kb / 14P
30mA Voltage Regulator
April 30, 2013
HT7130-1 HOLTEK-HT7130-1 Datasheet
158Kb / 14P
30mA Low Power LDO
HT7130-2 HOLTEK-HT7130-2 Datasheet
1Mb / 15P
30mA Low Power LDO
More results

Similar Description - HT7130

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT71XX-1 HOLTEK-HT71XX-1 Datasheet
148Kb / 14P
30mA Voltage Regulator
April 30, 2013
logo
Supertex, Inc
CL330 SUTEX-CL330 Datasheet
745Kb / 7P
3-Channel 30mA Linear LED Driver
logo
Torex Semiconductor
XC6225 TOREX-XC6225 Datasheet
252Kb / 15P
30mA High Speed LDO Regulator
logo
Diodes Incorporated
ZXTR2005Z DIODES-ZXTR2005Z Datasheet
179Kb / 7P
100V INPUT, 5V 30mA REGULATOR TRANSISTOR
Rev 1
ZXTR2008Z DIODES-ZXTR2008Z Datasheet
257Kb / 7P
100V INPUT, 8V 30mA REGULATOR TRANSISTOR
Rev 1
logo
Monolithic Power System...
MP2016 MPS-MP2016 Datasheet
309Kb / 10P
42V, 30mA, Low Power Adjustable Output Linear Regulator
logo
Diodes Incorporated
ZXTR2012Z DIODES-ZXTR2012Z Datasheet
337Kb / 7P
100V INPUT, 12V 30mA REGULATOR TRANSISTOR
Rev 1
ZXTR2005Z DIODES-ZXTR2005Z_15 Datasheet
343Kb / 7P
100V INPUT, 5V 30mA REGULATOR TRANSISTOR
Rev 3
logo
Supertex, Inc
CL330 SUTEX-CL330_08 Datasheet
606Kb / 7P
3-Channel 30mA Linear LED Driver
logo
Diodes Incorporated
ZXTR2005Z DIODES-ZXTR2005Z_17 Datasheet
367Kb / 7P
100V INPUT, 5V 30mA REGULATOR TRANSISTOR
Rev 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com