Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETA9040 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9040
Description  Two-Channel Power Management Unit A 500mA Step-Up Converter and A 300mA LDO in SOP8
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9040 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA9040 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA9040
www.ETAsolution.com
Outperform with Efficiency
Proprietary Information DO NOT Distribute
1
Two-Channel Power Management Unit
A 500mA Step-Up Converter and A 300mA LDO in SOP8
FEATURES
Consists of A low Start-up Boost and a high PSRR
LDO
Low Vin Start-up Voltage down to 850mV Ideal for
Single Alkaline Cell operations
A Step-up capable of delivering 500mA output
current at Vin=3.0V, V out=3.3V
1MHz Switching Frequency allows small inductor
and output cap
High PSRR LDD: 74dB
LDO output current up to 300mA
Logic Control Shutdown (IQ<1uA)
Available in SOP-8
APPLICATIONS
Medical Instruments
Bluetooth Headsets
Flash-Based MP3 Players
Wireless Mice
One to Three Cell Battery Operated Devices
DESCRIPTION
The ETA9040 is a tow-channel power management unit
that consists of a step-up converter capable of
delivering 500mA output current and a high PSRR
300mA LDO. The step-up converter can be
bootstrapped from a low voltage source and generate
output voltage up to 5V. It starts up at a very low input
voltage down to 850mV, making it an ideal choice for
single cell alkaline/NiMH battery operations. The input
of the LDO can be connected to the output of the
step-up converter. This configuration is therefore an
effective way of generating an output that is higher or
lower than the input voltage, in other words, a
buck-boost converter. Since the output is step-down
from a LDO, its ripple is much superior to that of
traditional switching buck-boost converters.
A switching frequency of 1MHz minimizes solution
footprint by allowing the use of tiny, low profile
inductors and ceramic capacitors. Eliminating the need
for Tantalum caps not only saves cost, it is also
environmental friendly.
ETA9040 is housed in a SOP8 package.
TYPICAL APPLICATION
GND
ETA9040
SW
VIN 0.85V-4.5V
EN_LDO
OUT_BST
FB_BST
VOUT_BST 5V/0.5A
1
3
5
6
4
7
8
2
4.7μF
4.7μF
IN_LDO
OUT_LDO
EN_BST
1μF
VOUT_LDO 3.3V/0.3A
4.7μH


Similar Part No. - ETA9040

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA9020 ETA-ETA9020 Datasheet
190Kb / 1P
3-Channel Power Management Units for ADSL Modems & Set-top Boxes
More results

Similar Description - ETA9040

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6203 SIPEX-SP6203 Datasheet
164Kb / 14P
Low Noise, 300mA and 500mA CMOS LDO Regulators
logo
Anpec Electronics Corop...
APW7075 ANPEC-APW7075 Datasheet
428Kb / 23P
Step-Up Converter and LDO Combo
logo
Monolithic Power System...
MP1522 MPS-MP1522 Datasheet
202Kb / 7P
25V Step-Up Converter in a SOT23-5 Package
logo
Sipex Corporation
SP6203 SIPEX-SP6203_07 Datasheet
751Kb / 16P
Low Noise, 300mA and 500mA CMOS LDO Regulators
logo
Richtek Technology Corp...
RT9011 RICHTEK-RT9011 Datasheet
336Kb / 12P
Portable Power Management 300mA Dual LDO Regulator
logo
Advanced Analogic Techn...
AAT2500M ANALOGICTECH-AAT2500M Datasheet
721Kb / 22P
400mA Step-Down Converter and 300mA LDO
logo
ams AG
AS1325 AMSCO-AS1325 Datasheet
1,012Kb / 17P
300mA Step-Up DC-DC Converter
logo
Silicon Standard Corp.
SS6631 SSC-SS6631 Datasheet
596Kb / 11P
500mA Step-Up DC/DC Converter
logo
Richtek Technology Corp...
RT9011 RICHTEK-RT9011_11 Datasheet
389Kb / 15P
Portable Power Management 300mA Dual LDO Regulator
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
Portable Power Management 300mA Dual LDO Regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com