Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETA70084D2G Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA70084D2G
Description  50V Over Voltage Protector with 43 mohm On Resistance
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA70084D2G Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA70084D2G Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA70084
www.etasolution.com
1
Powering Minds of the Smart
50V Over-Voltage-Protector with 43mohm On Resistance
DESCRIPTION
FEATURES
ETA70084 is a 50V low side Over-Voltage-Protection (OVP) IC
with only 43mohm switch resistance. It employs a low side
protection topology which ensure a very low on resistance
together with a high protection voltage.
ETA70084 is consist of a voltage comparator, a switch driver
and a 43mohm power NMOS.
ETA70084 is available in DFN2x2-6 package.
Over voltage protection up to 50V
43mohm switch resistance
Protection voltage adjustable
Switch on speed adjustable
APPLICATIONS
Tablet, MID
Smart Phone
Car camera
Power bank
TYPICAL APPLICATION
* R1 can be replaced by a Zener Diode
ORDERING INFORMATION
PART No.
PACKAGE
TOP MARK
Pcs/Reel
ETA70084D2G
DFN2x2-6
DeYW
3000
*


Similar Part No. - ETA70084D2G

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA7008 ETA-ETA7008 Datasheet
366Kb / 1P
36V Over-Voltage-Protector with 34mohm On Resistance
ETA70086 ETA-ETA70086 Datasheet
365Kb / 1P
75V Over Voltage Protector with 80 mohm On Resistance
ETA70086D2G ETA-ETA70086D2G Datasheet
365Kb / 1P
75V Over Voltage Protector with 80 mohm On Resistance
ETA7008D2G ETA-ETA7008D2G Datasheet
366Kb / 1P
36V Over-Voltage-Protector with 34mohm On Resistance
ETA7008S2G ETA-ETA7008S2G Datasheet
366Kb / 1P
36V Over-Voltage-Protector with 34mohm On Resistance
More results

Similar Description - ETA70084D2G

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX1690 ANPEC-APX1690 Datasheet
79Kb / 8P
9-Set Over Voltage Protector
logo
Fair-Rite Products Corp...
2743002111 FAIR-RITE-2743002111 Datasheet
542Kb / 5P
43 BEAD ON LEAD
2743004111 FAIR-RITE-2743004111 Datasheet
543Kb / 5P
43 BEAD ON LEAD
logo
Omron Electronics LLC
G3VM-61DR OMRON-G3VM-61DR Datasheet
431Kb / 3P
Higher power, 2-A switching with a 60-V load voltage, DIP package. Low 80 moHM ON Resistance.
logo
Texas Instruments
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
logo
ETA SOLUTIONS CO. LIMIT...
ETA7008 ETA-ETA7008 Datasheet
366Kb / 1P
36V Over-Voltage-Protector with 34mohm On Resistance
ETA7014 ETA-ETA7014 Datasheet
273Kb / 1P
36V High Side Over-Voltage Protector
ETA7018 ETA-ETA7018 Datasheet
363Kb / 1P
20V Over-Voltage-Protector with 12mohm On Resistance
ETA7028 ETA-ETA7028 Datasheet
321Kb / 1P
36V Over-Voltage-Protector with 30mohm On Resistance
ETA70086 ETA-ETA70086 Datasheet
365Kb / 1P
75V Over Voltage Protector with 80 mohm On Resistance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com