Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP8020 Datasheet(PDF) 2 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP8020
Description  Average Current Type LED Buck Constant Current Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP8020 Datasheet(HTML) 2 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP8020 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8020 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8020 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8020 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8020 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TP8020
平均电流型 LED 降压恒流驱动器
V1.2
Shen Zhen TPOWER Semiconductor
2
管脚
SOT23-6L
管脚描述
管脚编号
管脚名称
描述
1
VDD
电源输入引脚,内置 5.6V 稳压管
2
SW
内部功率管漏极
3
MODE
高低亮模式切换输入引脚,高低亮调光应用时需外接 100nF 的滤波电容
到地;MODE 脚功能不用时,该脚不能悬空,需连接到 VDD 或 GND
4
GND
芯片地
5
CS
输出电流采样脚,采样电阻连接在 CS 与 GND 之间
6
NC
无连接
极限参数(注 1)
参数
额定值
单位
VDD,CS 到 GND 电压
-0.3~+6
V
MODE 到 GND 电压
-0.3~+7
V
SW 到 GND 电压
-0.3~+100
V
功率管输出电流
1.2
A
功率损耗(注 2)
0.5
W
工作结温范围
-20~150
℃
储存温度范围
-40~150
℃
ESD 水平(HBM)
2000
V
ESD 水平(MM)
200
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com