Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP03AL Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP03AL
Description  3W 3KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03AL Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP03AL_19 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03AL_19 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03AL_19 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP03AL Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
page 2 of 3
GENERAL CHARACTERISTICS
Dimensions
33*17.5*12mm
(L*W*H)
Remarks
1.This model is open Frame, in order to meet the safety requirements of the module primary and secondary external components
2.The data in this manual are measured at TA = 25 ° C, humidity <75%, input nominal voltage (115Vac and 230Vac) and output
rated load,except for special instructions.
3.In order to improve the efficiency of light load conversion, when the module load <30% of the rated load, the module may have
weak audio noise, but does not affect the product performance and reliability.
4. After the module is assembled, it needs to be Dispensing fixed
MECHANICAL DIMENSIONS
12 PIN
SIP
1
AC
3
AC
5
+V(cap)
7
-V(cap)
10
-Vo
12
+Vo
Grid spacing : 2.54mm
33
17.5
All dimensions in mm ±0.2~±0.5mm
PRODUCT CHARACTERISTICS CURVE
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com