Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP100DH12S15 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP100DH12S15
Description  100W~150W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP100DH12S15 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP100DH12S15 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP100DH12S15 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP100DH12S15 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP100~150DH Series
www.gztoppower.com
TEL
:0086-20-82019000
EMAIL
:sales2@gztoppower.com
page 1 of 3
DESCRIPTION
:
:
:
:
The rated output power of TP100DH converters is 100W, TP150DH converters is 150W,the outline dimensions is
57.9*61*12.7mm,with 2:1,4:1 input voltage range ,the voltage range is 9V-18V, 9V-36V 18V-36V,18V-72V.The
accuracy of the converter can reach ±1%,it can be widely used in telecomm unications, railway transportation,
instrument and etc.
100W~150W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified
GENERAL CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Isolation voltage
Input to output
500
1500
VDC
Insulation resistance
Input to output
100M
Ohm
Seismic
10~55Hz
5
G
MTBF
MIL-HDBK-217F2
2x10
6
hrs
Over-current protection mode
All input range
Burp, Automatic recovery
FEATURES
100W output power
2:1,4:1 input voltage range
Input under voltage protection
standard package
Fixed switching frequency
Super capability with capacitive load
Long term short-circuit protection
Operating temperature: -40℃to 85℃
RoHs compliance
SELECTION GUIDE
Part Number
Input Voltage
Output
Capacity
Ability
(uF)
Efficiency
Typ.
(%)
voltage
(VDC)
Voltage
(VDC)
Current
(A)
Rated
Range values
TP100DH12S05
12(2:1)
9-18
5
20
10000
87
TP100DH12S12
12(2:1)
9-18
12
8.3
2200
84
TP100DH12S15
12(2:1)
9-18
15
6.6
2200
87
TP100DH24S05
24(2:1)
18-36
5
20
10000
87
TP100DH24S12
24(2:1)
18-36
12
8.3
2200
84
TP100DH24S15
24(2:1)
18-36
15
6.6
2200
87
TP100DH24S24
24(2:1)
18-36
24
4.1
1000
88
TP100DH24S05W
24(4:1)
9-36
5
20
10000
87
TP100DH24S12W
24(4:1)
9-36
12
8.3
2200
84
TP100DH24S15W
24(4:1)
9-36
15
6.6
2200
87
TP100DH24S24W
24(4:1)
9-36
24
4.1
1000
88
TP100DH48S05W
48(4:1)
18-72
5
20
10000
87
TP100DH48S12W
48(4:1)
18-72
12
8.3
2200
84
TP100DH48S15W
48(4:1)
18-72
15
6.6
200
87
TP100DH48S24W
48(4:1)
18-72
24
4.1
1000
88
TP100DH48S48W
48(4:1)
18-72
48
2.1
470
88
TP150DH48S05W
48(4:1)
18-72
5
30
10000
87
TP150DH48S12W
48(4:1)
18-72
12
812.5
2200
87
TP150DH48S15W
48(4:1)
18-72
15
10
2200
85
TP150DH48S24W
48(4:1)
18-72
24
6.2
1000
85
TP150DH48S48W
48(4:1)
18-72
48
3
470
85
TOPPOWER


Similar Part No. - TP100DH12S15

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP100DH12S15 TOPPOWER-TP100DH12S15 Datasheet
741Kb / 3P
100W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100DH12S15 TOPPOWER-TP100DH12S15 Datasheet
741Kb / 3P
100W~150W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100DH12S15 TOPPOWER-TP100DH12S15 Datasheet
254Kb / 3P
100W~200W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100DH12S15 TOPPOWER-TP100DH12S15 Datasheet
780Kb / 3P
100W~200W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results

Similar Description - TP100DH12S15

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP100DH TOPPOWER-TP100DH Datasheet
741Kb / 3P
100W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP40DG TOPPOWER-TP40DG_19 Datasheet
741Kb / 4P
40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC TOPPOWER-TP15DC_19 Datasheet
768Kb / 4P
15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC_19 TOPPOWER-TP15DC_19_04 Datasheet
262Kb / 4P
15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100DH TOPPOWER-TP100DH_19 Datasheet
741Kb / 3P
100W~150W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100DH TOPPOWER-TP100DH_V01 Datasheet
254Kb / 3P
100W~200W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100DH TOPPOWER-TP100DH_V02 Datasheet
780Kb / 3P
100W~200W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP50DG TOPPOWER-TP50DG Datasheet
388Kb / 2P
50W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com