Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP03AC Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP03AC
Description  3W 3KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03AC Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP03AC Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03AC Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03AC Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP03AC Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
page 3 of 3
MODEL SELECTION
RECOMMEND CIRCUIT
C1, C2, C3, C4, C5, C6 capacitor values refer to parameter table
USING ATTENTIONS
Module will cause irreversible damage when it in the long-term overload state.
Module will cause irreversible damage when it out of the state maximum input voltage range
TP 03
A C
220 D
05 W
W:4:1 Wide voltage input range
Main (auxiliary) output voltage
S:single output, D:Dual output
Rated input voltage
Package type
AC-DC
Rated output power
Brand name
TP 03
A C 220 T 05 D 12 W
W:4:1 Wide voltage input range
Auxiliary Output Voltage
D: Auxiliary is dual output
Main Road output voltage
S:single output D:Dual output T:Triple
output
Rated input voltage
Package type
AC-DC
Rated output power
Brand name
S in gle O utput
A C -D C
F U S E
C 1
C 2
+
+
-V 0
+V 0
FG
N
L
Dual Output(COM)
AC-DC
FUSE
C1
C1
+
+
+
+
C3
C3
+V0
-V0
COM
FG
N
L
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com