Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58V65API-10 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # HN58V65API-10
Description  64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58V65API-10 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button HN58V65API-10 Datasheet HTML 19Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 20Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 21Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 22Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 23Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 24Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 25Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 26Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
HN58V65AI/HN58V66AI/HN58V65A-SR/HN58V66A-SR Series
Rev.3.00, Feb.02.2004, page 23 of 26
3. Software data protection
To prevent unintentional programming caused by noise generated by external circuits, this device has
the software data protection function. In software data protection mode, 3 bytes of data must be input
before write data as follows. And these bytes can switch the non-protection mode to the protection
mode. SDP is enabled if only the 3 byte code is input.
Data
AA
↓
55
↓
A0
↓
Write data }
Address
1555
↓
0AAA
↓
1555
↓
Write address
Normal data input
Software data protection mode can be canceled by inputting the following 6 bytes. After that, this device
turns to the non-protection mode and can write data normally. But when the data is input in the canceling
cycle, the data cannot be written.
Data
AA
↓
55
↓
80
↓
AA
↓
55
↓
20
Address
1555
↓
0AAA
↓
1555
↓
1555
↓
0AAA
↓
1555
The software data protection is not enabled at the shipment.
Note:
There are some differences between Renesas Technology’s and other company’s for enable/disable
sequence of software data protection. If there are any questions, please contact with Renesas
Technology’s sales offices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com