Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3520 Datasheet(PDF) 4 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Part # LP3520
Description  High performance subsynchronous synchronous rectifier drive chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANDP [Shenzhen Xinmao Microelectronics Co., Ltd.]
Direct Link  https://www.chip-hope.com/
Logo LANDP - Shenzhen Xinmao Microelectronics Co., Ltd.

LP3520 Datasheet(HTML) 4 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

  LP3520 Datasheet HTML 1Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3520 Datasheet HTML 2Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3520 Datasheet HTML 3Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3520 Datasheet HTML 4Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3520 Datasheet HTML 5Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3520 Datasheet HTML 6Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3520 Datasheet HTML 7Page - Shenzhen Xinmao Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LP3520
高性能副边同步整流驱动芯片
LP3520_CN_DS_Rev.1.3
www.chip-hope.com
SHENZHEN Chip Hope Micro-electronicsLTD Confidential– Customer Use Only
电气参数(注 4, 5)(无特别说明情况下,V
CC =5.0 V,TA =25℃)
符号
描述
条件
最小值
典型值
最大值
单位
电源电压
VCC
VCC 工作电压
Drain=20V
5.5
V
VCC_ON
VCC 启动电压
VCC 上升
3.6
V
VCC_UVLO
VCC 欠压保护阈值
VCC 下降
3.2
V
IST
VCC 启动电流
VCC= VCC-ON - 0.5V
50
uA
Icc
VCC 工作电流
120
uA
Vcc_clamp
VCC 钳位电压
ICC=40mA
6.2
V
阈值电压设置
SR_ON
整流管开通电压阈值
0.5
V
SR_OFF1
整流管关断第一电压阈值
-15
mV
SR_OFF2
整流管关断第二电压阈值
-5
mV
判定设置
T_SRmin
整流管最小开通时间
0.9
us
S_AE
原边判定电压积分阈值
RAE=100Kohm
25.5
27.0
28.5
us*V
R_AE
副边断续判定比例
90
%
驱动能力
TRISE
驱动上升时间
CGATE=1nF
25
ns
TFALL
驱动下降时间
CGATE=1nF
25
ns
功率管
RDS_ON
功率管导通阻抗
VGS=6.5V/IDS=0.1A
25
mΩ
BVDSS
内置功率管击穿电压
VGS=0V/IDS=25uA
45
V
注 4:典型参数值为 25˚C 下测得的参数标准。
注 5:规格书的最小、最大规范范围由测试保证,典型值由设计、测试或统计分析保证。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com