Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP2000AFQC Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2000AFQC
Description  DLP2000 (.2 nHD) DMD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2000AFQC Datasheet(HTML) 23 Page - Texas Instruments

Back Button DLP2000AFQC Datasheet HTML 19Page - Texas Instruments DLP2000AFQC Datasheet HTML 20Page - Texas Instruments DLP2000AFQC Datasheet HTML 21Page - Texas Instruments DLP2000AFQC Datasheet HTML 22Page - Texas Instruments DLP2000AFQC Datasheet HTML 23Page - Texas Instruments DLP2000AFQC Datasheet HTML 24Page - Texas Instruments DLP2000AFQC Datasheet HTML 25Page - Texas Instruments DLP2000AFQC Datasheet HTML 26Page - Texas Instruments DLP2000AFQC Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
LED_SEL(2)
I2C
FLASH,
SDRAM,
etc.
RF
I/F
LCD
Panel
DC
Supplies
4
24/16/8
Keypad
MIC
BAT
VDD
On/Off
1.0V
WVGA
DDR DMD
DLP2000
(.2nHD)
DMD
SYSPWR
L1
RESETZ
Included in DLP® Chip Set along with DMD
3
DLPC2607
L2
1.8V
28
CLRL
DATA
PROJ_ON
PROJ_ON
2.3V-5.5V
SPI(4)
Mobile SDRAM
Connector
CMP_OUT
Flash
Projector Module Electronics
BIAS, RST, OFS
DATA
CTRL
Thermistor
DDR
DDR
RGB
PWM_IN
DLPA1000
Analog
ASIC
PWR_EN
VLED
Motor
Driver
GPIO(5)
BLUE
Parallel or
BT.656
Host
Processor
1.0V
1.8V
VCORE
VIO
GREEN
RED
Illumination
Optics
L5
L6
Dual
Reg.
Motor Position
Drives Focus Lens
INIT_DONE
GPIO4
GPIO5
INTZ
PARKZ
Stepper
Motor
23
DLP2000
www.ti.com
DLPS140 – APRIL 2019
Product Folder Links: DLP2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The DMDs are spatial light modulators which reflect incoming light from an illumination source to one of two
directions, with the primary direction being into projection or collection optics. Each application is derived
primarily from the optical architecture of the system and the format of the data coming into the the DLPC2607
controller. Applications of interest include internet of things (IoT) devices such as control panels, and security
systems and thermostats, as well as projection embedded in display applications like smartphones, tablets,
cameras, and artificial intelligence (AI) assistance. Other applications include wearable (near-eye) displays, micro
digital signage, and ultra-low power smart accessory projectors.
DMD power-up and power-down sequencing is strictly controlled by the DLPA1000. Refer to the Power Supply
Recommendations for power-up and power-down specifications. The DLP2000 DMD reliability is only specified
when used with the DLPC2607 controller and the DLPA1000 PMIC/LED Driver.
8.2 Typical Application
A common application for the DLP2000 chipset is creating a pico-projector embedded in a handheld product. For
example, a pico-projector embedded in a smart phone, camera, battery powered mobile accessory, micro digital
signage or IoT application. The DLPC2607 controller in the pico-projector receives images from a multimedia
front end within the product as shown in Figure 11.
Figure 11. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com