Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPF111-C Datasheet(PDF) 4 Page - 3PEAK INC.

Part # TPF111-C
Description  Ultra-low Power, 1-Channel 6th-Order SD Video Filter Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF111-C Datasheet(HTML) 4 Page - 3PEAK INC.

  TPF111-C Datasheet HTML 1Page - 3PEAK INC. TPF111-C Datasheet HTML 2Page - 3PEAK INC. TPF111-C Datasheet HTML 3Page - 3PEAK INC. TPF111-C Datasheet HTML 4Page - 3PEAK INC. TPF111-C Datasheet HTML 5Page - 3PEAK INC. TPF111-C Datasheet HTML 6Page - 3PEAK INC. TPF111-C Datasheet HTML 7Page - 3PEAK INC. TPF111-C Datasheet HTML 8Page - 3PEAK INC. TPF111-C Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TPF111/TPF111U
Ultra-low Power, 1-Channel 6th-Order SD Video Filter Driver
REV 2.2
©2011 3PEAK INCORPORATED
~ 4 ~
www.3peakic.com
典型工作特性曲线 除非另有说明,否则 VDD = 3.3V, RL = 150Ω 至 GND。
图
1. 小信号频率响应
图
2. 大信号频率响应
图
3. 增益与频率的关系
图
4. CLOAD变化下增益与频率的关系
图
5. 相位与频率的关系
图
6. 群延时与频率的关系
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
100k
1M
10M
FREQUENCY (Hz)
VDD=3.3V
RL=150Ω
CL=15pF
-0.1dB@7MHz
-5
-4
-3
-2
-1
0
1
2
3
4
5
100k
1M
10M
FREQUENCY (Hz)
VDD=3.3V
RL=150Ω
CL=15pF
-3dB@9MHz
-70
-60
-50
-40
-30
-20
-10
0
10
100k
1M
10M
100M
FREQUENCY (Hz)
VDD=3.3V
RL=150Ω
CL=15pF
-5
5
100k
1M
10M
FREQUENCY (Hz)
VDD=3.3V
RL=150Ω
CL=20p
CL=5pF
CL=15pF
-600
-500
-400
-300
-200
-100
0
100k
1M
10M
100M
FREQUENCY (Hz)
VDD=3.3V
RL=150Ω
CL=15pF
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
100k
1M
10M
100M
FREQUENCY (Hz)
VDD=3.3V
RL=150Ω
CL=15pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com