Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPF140 Datasheet(PDF) 9 Page - 3PEAK INC.

Part # TPF140
Description  Full-HD Composite Video Filter Driver With Disable Function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF140 Datasheet(HTML) 9 Page - 3PEAK INC.

Back Button TPF140 Datasheet HTML 2Page - 3PEAK INC. TPF140 Datasheet HTML 3Page - 3PEAK INC. TPF140 Datasheet HTML 4Page - 3PEAK INC. TPF140 Datasheet HTML 5Page - 3PEAK INC. TPF140 Datasheet HTML 6Page - 3PEAK INC. TPF140 Datasheet HTML 7Page - 3PEAK INC. TPF140 Datasheet HTML 8Page - 3PEAK INC. TPF140 Datasheet HTML 9Page - 3PEAK INC. TPF140 Datasheet HTML 10Page - 3PEAK INC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TPF140
Full-HD Composite Video Filter Driver With Disable Function
Rev. A
www.3peakic.com
~ 9 ~
©2014 3PEAK INCORPORATED
Package Outline Dimensions
SOT23-6
Symbol
Dimensions
In Millimeters
Dimensions
In Inches
Min
Max
Min
Max
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.300
0.400
0.012
0.016
D
2.820
3.020
0.111
0.119
E
1.500
1.700
0.059
0.067
E1
2.650
2.950
0.104
0.116
e
0.950TYP
0.037TYP
e1
1.800
2.000
0.071
0.079
L1
0.300
0.460
0.012
0.024
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com