Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5SC4 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 5SC4
Description  Schottky Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

5SC4 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  5SC4 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Schottky Diodes
5SC4
■ Features
● DC/DC converter
● Switching power supply
● High current capacity with Small Package
■ Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRW M
DC Blocking Voltage
VRM
RMS Reverse Voltage
VR (R MS)
45
Average Rectified Output Current
IO
3
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
80
A
Thermal Resistance Junction to Ambient
RθJA
57
℃/W
Junction Temperature
TJ
150
Storage temperature range
TST G
-40 to 150
℃
40
V
■ Electrical Characteristics Ta = 25℃
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Reverse breakdown voltage
VR
IR= 100uA
40
Forward voltage
VF
IF=2.5A, TJ=25℃
0.58
Reverse voltage leakage current
IR
VR =40V ,TJ=25℃
3.6
mA
Junction Capacitance
Cj
VR =10V,f=1MHZ
160
pF
V
1
2
3
4
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
4


Similar Part No. - 5SC4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5SC-GG-E-30-36 ETC-5SC-GG-E-30-36 Datasheet
537Kb / 2P
Ready-Made Insulated Thermocouples
5SC-GG-E-30-72 ETC-5SC-GG-E-30-72 Datasheet
537Kb / 2P
Ready-Made Insulated Thermocouples
5SC-GG-J-30-36 ETC-5SC-GG-J-30-36 Datasheet
537Kb / 2P
Ready-Made Insulated Thermocouples
5SC-GG-J-30-72 ETC-5SC-GG-J-30-72 Datasheet
537Kb / 2P
Ready-Made Insulated Thermocouples
5SC-GG-K-30-36 ETC-5SC-GG-K-30-36 Datasheet
537Kb / 2P
Ready-Made Insulated Thermocouples
More results

Similar Description - 5SC4

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com