Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC04DB Datasheet(PDF) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # 74HC04DB
Description  Complies with JEDEC standard no. 8 1A
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

74HC04DB Datasheet(HTML) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  74HC04DB Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HC04DB Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HC04DB Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HC04DB Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HC04DB Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HC04DB Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HC04DB Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HC04DB Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. 74HC04DB Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
74HC04/74HCT04(文件编号:S&CIC0463)
第 4 页 共 18 页
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
74HC04
74HCT04
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VCC
Supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
Input voltage
0
-
Vcc
0
-
Vcc
V
VO
Output voltage
0
-
Vcc
0
-
Vcc
V
Tamb
Ambient temperature
See DC and AC
Characteristics per
Device
-40
+25
+125
-40
+25
+125
℃
tr, tf
Input rise and fall times
Vcc = 2.0V
-
-
1000
-
-
-
ns
Vcc = 4.5V
-
6.0
500
-
6.0
500
ns
Vcc = 6.0V
-
-
400
-
-
-
ns
LIMITING VALUES
In accordance with the absolute maximum rating system (IEC 60134); voltages are referenced to GND (fround = 0V)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
Vcc
Suupply voltage
-0.5
+7.0
V
IIK
Input diode current
VI<-0.5V<or VI<Vcc+0.5V
-
±20
mA
IOK
Output diode currer
VO<-0.5V<or VO<Vcc+0.5V
-
±20
mA
IO
Output source of sink current
-0.5V<VO<Vcc+0.5V
-
±25
mA
Icc, IGND
Vcc or GND currer
-
±50
mA
Tstg
Storage temperature
-65
±150
℃
Ptot
Power dissipation
DIP 14 package
Tamb = -40 to +125℃; note 1
-
750
mW
Other packages
Tamb = -40 to +125℃; note 2
-
500
mW
Notes
1.
For DIP14 packages: above 70℃ derate linearly with 12 mW/K.
2.
For SO14 packages: above 70℃ derate linearly with 8 mW/K.
For SSOP14 and TSSOP14 packages: above 60℃ derate linearly with 5.5mW/K.
For DHVQFN14 packages: above 60℃ derate linearly with 4.5mW/K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com