Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CC128M8FN-DI Datasheet(PDF) 52 Page - Nanya Technology Corporation.

Part # NT5CC128M8FN-DI
Description  Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC128M8FN-DI Datasheet(HTML) 52 Page - Nanya Technology Corporation.

Back Button NT5CC128M8FN-DI Datasheet HTML 48Page - Nanya Technology Corporation. NT5CC128M8FN-DI Datasheet HTML 49Page - Nanya Technology Corporation. NT5CC128M8FN-DI Datasheet HTML 50Page - Nanya Technology Corporation. NT5CC128M8FN-DI Datasheet HTML 51Page - Nanya Technology Corporation. NT5CC128M8FN-DI Datasheet HTML 52Page - Nanya Technology Corporation. NT5CC128M8FN-DI Datasheet HTML 53Page - Nanya Technology Corporation. NT5CC128M8FN-DI Datasheet HTML 54Page - Nanya Technology Corporation. NT5CC128M8FN-DI Datasheet HTML 55Page - Nanya Technology Corporation. NT5CC128M8FN-DI Datasheet HTML 56Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 165 page
background image
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8FN / NT5CB(C)64M16FP(Y)
Version 1.8
52
Nanya Technology Cooperation ©
08/ 2015
All Rights Reserved.
Read Timing; Clock to Data Strobe relationship
Clock to Data Strobe relationship is shown in the following figure and is applied when the DLL is enabled and locked.
Rising data strobe edge parameters:
• tDQSCK min/max describes the allowed range for a rising data strobe edge relative to CK and
.
• tDQSCK is the actual position of a rising strobe edge relative to CK and
.
• tQSH describes the data strobe high pulse width.
Falling data strobe edge parameters:
• tQSL describes the data strobe low pulse width.
Clock to Data Strobe Relationship
NOTES:
1. Within a burst, rising strobe edge is not necessarily fixed to be always at tDQSCK(min) or tDQSCK(max). Instead, rising strobe edge
can vary between tDQSCK(min) and tDQSCK(max).
2. The DQS,  differential output high time is defined by tQSH and the DQS,  differential output low time is defined by tQSL.
3. Likewise, tLZ(DQS)min and tHZ(DQS)min are not tied to tDQSCKmin (early strobe case) and tLZ(DQS)max and tHZ(DQS)max are not
tied to tDQSCKmax (late strobe case).
4. The minimum pulse width of read preamble is defined by tRPRE(min).
5. The maximum read postamble is bound by tDQSCK(min) plus tQSH(min) on the left side and tHZDSQ(max) on the right side.
6. The minimum pulse width of read postamble is defined by tRPST(min).
7. The maximum read preamble is bound by tLZDQS(min) on the left side and tDQSCK(max) on the right side.
CK
CK
RL Measured
to this point
DQS, DQS
Early Strobe
DQS, DQS
Late Strobe
tLZ(DQS)min
tLZ(DQS)max
tRPRE
tRPRE
tDQSCKmin
tDQSCKmax
tQSH
tQSL
tRPST
tRPST
tHZ(DQS)min
tHZ(DQS)max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com