Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W640FST70ZA1E Datasheet(PDF) 31 Page - STMicroelectronics

Part # M28W640FST70ZA1E
Description  32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FST70ZA1E Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M28W640FST70ZA1E Datasheet HTML 27Page - STMicroelectronics M28W640FST70ZA1E Datasheet HTML 28Page - STMicroelectronics M28W640FST70ZA1E Datasheet HTML 29Page - STMicroelectronics M28W640FST70ZA1E Datasheet HTML 30Page - STMicroelectronics M28W640FST70ZA1E Datasheet HTML 31Page - STMicroelectronics M28W640FST70ZA1E Datasheet HTML 32Page - STMicroelectronics M28W640FST70ZA1E Datasheet HTML 33Page - STMicroelectronics M28W640FST70ZA1E Datasheet HTML 34Page - STMicroelectronics M28W640FST70ZA1E Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
31/55
M28W320FST, M28W320FSB, M28W640FST, M28W640FSB
PART NUMBERING
Table 19. Ordering Information Scheme
Example:
M28W640FST 70 ZA 6
T
Device Type
M28
Operating Voltage
W = VDD = 2.7V to 3.6V; VDDQ = 1.65V to 3.6V
Device Function
320FS = 32 Mbit (2 Mb x16), Boot Block, Secure, 0.13µm
640FS = 64 Mbit (4 Mb x16), Boot Block, Secure, 0.13µm
Array Matrix
T = Top Boot
B = Bottom Boot
Speed
70 = 70ns
Package
ZA = TBGA64:10 x 13mm, 1mm pitch
Temperature Range
1 = 0 to 70 °C
6 = –40 to 85 °C
Option
Blank = Standard Packing
T = Tape & Reel Packing
E = ECOPACK Package, Standard Packing
F = ECOPACK Package, Tape & Reel 24mm Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com