Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CB128M8GP-DINA Datasheet(PDF) 8 Page - Nanya Technology Corporation.

Part # NT5CB128M8GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M8GP-DINA Datasheet(HTML) 8 Page - Nanya Technology Corporation.

Back Button NT5CB128M8GP-DINA Datasheet HTML 4Page - Nanya Technology Corporation. NT5CB128M8GP-DINA Datasheet HTML 5Page - Nanya Technology Corporation. NT5CB128M8GP-DINA Datasheet HTML 6Page - Nanya Technology Corporation. NT5CB128M8GP-DINA Datasheet HTML 7Page - Nanya Technology Corporation. NT5CB128M8GP-DINA Datasheet HTML 8Page - Nanya Technology Corporation. NT5CB128M8GP-DINA Datasheet HTML 9Page - Nanya Technology Corporation. NT5CB128M8GP-DINA Datasheet HTML 10Page - Nanya Technology Corporation. NT5CB128M8GP-DINA Datasheet HTML 11Page - Nanya Technology Corporation. NT5CB128M8GP-DINA Datasheet HTML 12Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 160 page
background image
Version 2.2
8
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Ball Descriptions
Symbol
Type
Function
CK,

Input
Clock: CK and  are differential clock inputs. All address and control input signals are sampled
on the crossing of the positive edge of CK and negative edge of
.
CKE
Input
Clock Enable: CKE high activates, and CKE low deactivates, internal clock signals and device
input buffers and output drivers. Taking CKE low provides Precharge Power-Down and
Self-Refresh operation (all banks idle), or Active Power-Down (row Active in any bank). CKE is
asynchronous for Self-Refresh exit. After VREF has become stable during the power on and
initialization sequence, it must be maintained for proper operation of the CKE receiver. For proper
self-refresh entry and exit, VREF must maintain to this input. CKE must be maintained high
throughout read and write accesses. Input buffers, excluding CK,
, ODT and CKE are disabled
during Power Down. Input buffers, excluding CKE, are disabled during Self-Refresh.

Input
Chip Select: All commands are masked when  is registered high.  provides for external
rank selection on systems with multiple memory ranks.
 is considered part of the command
code.
RA, A, WE
Input
Command Inputs: RA, A and WE (along with ) define the command being entered.
For x8,
DM
For x16,
DMU, DML
Input
Input Data Mask: DM is an input mask signal for write data. Input data is masked when DM is
sampled HIGH coincident with that input data during a Write access. DM is sampled on both
edges of DQS. For x8 device, the function of DM or TDQS/
T is enabled by Mode Register
A11 setting in MR1.
BA0 - BA2
Input
Bank Address Inputs: BA0, BA1, and BA2 define to which bank an Active, Read, Write or
Precharge command is being applied. Bank address also determines which mode register is to be
accessed during a MRS cycle.
A10 / AP
Input
Auto-Precharge: A10 is sampled during Read/Write commands to determine whether
Autoprecharge should be performed to the accessed bank after the Read/Write operation. (HIGH:
Autoprecharge; LOW: no Autoprecharge). A10 is sampled during a Precharge command to
determine whether the Precharge applies to one bank (A10 LOW) or all banks (A10 HIGH). If only
one bank is to be precharged, the bank is selected by bank addresses.
For x8,
A0
– A13
For x16,
A0
– A12
Input
Address Inputs: Provide the row address for Activate commands and the column address for
Read/Write commands to select one location out of the memory array in the respective bank.
(A10/AP and A12/
 have additional function as below.) The address inputs also provide the
op-code during Mode Register Set commands.
A12/

Input
Burst Chop: A12/ is sampled during Read and Write commands to determine if burst chop
(on the fly) will be performed. (HIGH - no burst chop; LOW - burst chopped).
ODT
Input
On Die Termination: ODT (registered HIGH) enables termination resistance internal to the
DDR3 SDRAM. When enabled, ODT is applied to each DQ, DQS,

and DM/TDQS,
NU/
T (when TDQS is enabled via Mode Register A11=1 in MR1) signal for x8 configurations.
The ODT pin will be ignored if Mode-registers, MR1and MR2, are programmed to disable RTT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com