Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFIC0970 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRFIC0970
Description  3.2V GSM GaAs Intergrated Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRFIC0970 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRFIC0970 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRFIC0970 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRFIC0970 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRFIC0970 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRFIC0970 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRFIC0970 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRFIC0970 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRFIC0970 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
MRFIC0970 Technical Data
MOTOROLA
Electrical Characteristics
Figure 1. Functional Block Diagram
1 Electrical Characteristics
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VD1,2,3, Vabc
Vref
8.0
5.0
V
V
RF Input Power
Pin
15
dBm
RF Output Power
Pout
38
dBm
Operating Case Temperature Range
TC
-40 to 85
°C
Storage Temperature Range
Tstg
-40 to 85
°C
Junction Temperature
TJ
150
°C
NOTES: 1. Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics
or Recommended Operating Conditions tables.
2 ESD (electrostatic discharge) immunity meets Human Body Model (HBM)
≤250 V and
Machine Model (MM)
≤60 V. This device is rated Moisture Sensitivity Level (MSL) 1.
Additional ESD data available upon request.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Min
Typ
Max
Unit
Supply Voltage
VD1,2,3
Vabc
Vref
2.8
0
0.04
-
-
-
5.5
5.5
1.8
Vdc
V
V
Input Power
Pin
5.0
-
10
dBm
ABC1,2
ABC3
D1
D2
D3
GND
V
G3
V
GG3
ABC
V
GG1,2
V
G1,2
RFin (G1)
V
ref
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com