Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSFIPS Datasheet(PDF) 1 Page - Mixed Signal Integration

Part # MSFIPS
Description  FIPS-140 Level 4 Security Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSFIPS Datasheet(HTML) 1 Page - Mixed Signal Integration

  MSFIPS Datasheet HTML 1Page - Mixed Signal Integration MSFIPS Datasheet HTML 2Page - Mixed Signal Integration MSFIPS Datasheet HTML 3Page - Mixed Signal Integration MSFIPS Datasheet HTML 4Page - Mixed Signal Integration MSFIPS Datasheet HTML 5Page - Mixed Signal Integration MSFIPS Datasheet HTML 6Page - Mixed Signal Integration MSFIPS Datasheet HTML 7Page - Mixed Signal Integration MSFIPS Datasheet HTML 8Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
The MSFIPS integrated circuit provides 4 physical
tamper switch inputs (3 with polarity control),
over/under voltage detection and a temperature
sensor.
The MSFIPS provides the sensor inter-
faces needed for the Federal Information
Processing Standard (FIPS) 140.
The polarity selectable inputs are intended to
interface with a variety of tamper switches, The
1 kHz lowpass filters provide better noise immuni-
ty than the single input available on other inter-
faces. An internal bandgap reference provides an
accurate comparison voltage for sensing a over-
voltage or undervoltage tampering technique.
Temperature variation outside of expected environ-
mental conditions also will trigger an alarm.
The
MSFIPS operates from 2.4V up to 5.5 VDC.
For battery backup, the supply switching is auto-
matically done internally.
The MSFIPS is available in die form and in a 24
pin SSOIC package. Temperature range is –40 to
+85 oC.
Features
Temperature sensor
Bandgap reference for under/over voltage detect
Four switch inputs (Three with polarity selection)
Automatic battery switchover
Applications
Cryptography boxes
Electronic Medical Storage security
Credit processing storage security
Point of Sales Terminals
Alarm Systems.
Absolute Maximum Ratings
Power Supply Voltage
+6V
Storage Temperature Range
-60 to +150 oC
Operating Temperature Range
-40 to +85 oC
FIPS-140 Level 4+ Security Supervisor
Data Sheet
5/2011
©
© 2
20
01
11
1 M
Miixxeedd SSiiggnnaall IInntteeggrraattiioonn
1
1
W
Weebb SSiittee ““w
ww
ww
w..m
miixx-ssiigg..ccoom
m””
MRI
RESETO
MODE
VDD SWITCH
VDDI
BATTERY LOW OUT
POWER FAILURE IN
VDDO
VBAT
POWER FAIL OUT
TAMPER1
IN
VBG
TAMPER1 POL
TAMPER2
IN
TAMPER2 POL
TAMPER3
IN
SECURITY ALARM OUTPUT
TAMPER3 POL
TAMPER4
IN+
TLOW
TOUT
THI
VSS
BANDGAP REFERENCE
TEMPERATURE
SENSOR
BATTERY SWITCH OVER
RESET COMPARE and
DELAY
1kHz Lowpass Filter
1kHz Lowpass Filter
1kHz Lowpass Filter
1kHz Lowpass Filter
Figure 1 - Block Diagram


Similar Part No. - MSFIPS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSF SCHURTER-MSF Datasheet
505Kb / 3P
Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
logo
Conquer Electronics Co....
MSF CONQUER-MSF Datasheet
231Kb / 1P
8.35 x 4.3 x 7.7 mm
logo
Interpoint Corporation ...
MSF-461 INTERPOINT-MSF-461 Datasheet
344Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
MSF-461/ES INTERPOINT-MSF-461/ES Datasheet
344Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
logo
Adam Technologies, Inc.
MSF-G ADAM-TECH-MSF-G Datasheet
71Kb / 1P
MINI JUMPER CLOSED TYPE
More results

Similar Description - MSFIPS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6590 STMICROELECTRONICS-L6590 Datasheet
360Kb / 23P
FULLY INTEGRATED POWER SUPPLY FIPS
2000-Oct
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
3V FIPS-140 Security Supervisor with Battery Switchover
Oct-2005
STM1404 STMICROELECTRONICS-STM1404 Datasheet
199Kb / 9P
Security Supervisor with Battery Switchover
Jan-2006
logo
ITT Industries
BY011UJC03WCNQ2 ITT-BY011UJC03WCNQ2 Datasheet
583Kb / 5P
4 Tumbler Value Added Security Switchlocks
logo
STMicroelectronics
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
3 V FIPS-140 security supervisor with battery switchover
20-Aug-2008
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
3 V FIPS-140 security supervisor with battery switchover
21-Aug-2008
logo
ON Semiconductor
CAT811 ONSEMI-CAT811_15 Datasheet
78Kb / 9P
4-Pin Microprocessor Power Supply Supervisor
July, 2015 ??Rev. 3
logo
Maxim Integrated Produc...
DS28C36 MAXIM-DS28C36 Datasheet
285Kb / 5P
FIPS 180 SHA-256 Compute Engine
Rev 0; 6/16
logo
Cherry Semiconductor Co...
JK-A0100EU CHERRY-JK-A0100EU Datasheet
363Kb / 2P
FIPS 201 CERTIFIED
logo
Silicon Laboratories
RS9113 SILABS-RS9113 Datasheet
3Mb / 56P
RS9113 FIPS 140-2 802.11n Module
Version 1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com