Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPL10B Datasheet(PDF) 6 Page - Generalplus Technology Inc.

Part # GPL10B
Description  7KB LCD Controller/Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL10B Datasheet(HTML) 6 Page - Generalplus Technology Inc.

Back Button GPL10B Datasheet HTML 2Page - Generalplus Technology Inc. GPL10B Datasheet HTML 3Page - Generalplus Technology Inc. GPL10B Datasheet HTML 4Page - Generalplus Technology Inc. GPL10B Datasheet HTML 5Page - Generalplus Technology Inc. GPL10B Datasheet HTML 6Page - Generalplus Technology Inc. GPL10B Datasheet HTML 7Page - Generalplus Technology Inc. GPL10B Datasheet HTML 8Page - Generalplus Technology Inc. GPL10B Datasheet HTML 9Page - Generalplus Technology Inc. GPL10B Datasheet HTML 10Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
GPL10B
© Generalplus Technology Inc.
Proprietary & Confidential
6
May 29, 2014
Version: 1.5
+V D D
X 32I
R O scillator
R
Note:
Length of the wiring for X32I and X32O should be as short as
possible.
5.5. Stop Clock Mode
The GPL10B supports the power saving mode for those
applications needing very low standby current.
The user can
simply enable the wake-up sources and then stop the CPU clock
by writing the STOP CLOCK register ($09).
The CPU will enter
standby and the RAM and I/O remain their previous states until
wake-up.
There are three sources of wake-up in this chip, PORT
IOEF wake-up, TIMER 0 wake-up and 2Hz wake-up.
After the
chip is wakening up, the internal CPU will go to the RESET state
and the RAM and I/O are not affected by the wake-up reset.
The
standby current of timepiece product typically is less than 8uA @
3.0V by using this mode and 32768Hz clock source in weak mode.
For non-timepiece products, 32768Hz crystal driver or R oscillator
(mask option) generates the 32768Hz clock source that also can
be turned off to stop the chip operation.
The standby current of
the GPL10B is less than 1uA @ 3.0V.
In this mode, IOEF port can
be used to wake up the chip.
5.6. Timer/Counter
The GPL10B contains one 12-bit timer/counter, TM0.
In timer
mode, TM0 is reloadable up-counter.
When timer overflows from
$0FFF to $0000, the carry signal will generate the INTERRUPT
signal if the corresponding bit is enabled in INT ENABLE register
($0D), and the timer will be auto reloaded to the user‘s setup value
and count up again.
If TM0 is being specified as a counter, the
user may reset the counter by loading 0 into register $14 and $1C.
After the counter being activated, the count value can also be read
from above registers on-the-fly, the read instruction will not affect
the counter's value or reset it.
The clock source of the timer/counter are selectable as the
following:
Timer/Counter
Addr.
Clock Source
12 BIT TIMER
$0014
$001C
CPU CLOCK (T) or T/4
TM0
12 BIT COUNTER
$0014
$001C
T/128, T/256, T/2048 or
EXT CLK
MODE SELECT REGISTER
$000B
Select TM0 timer or
counter
TIMER CLOCK SELECTOR
$001C
Select T or T/4
5.7. Interrupts
The GPL10B has six interrupt sources - INT0 (interrupt from
TIMER 0), 2KHz INT, LCDL INT (LCD service in share mode, due
to LCD registers is shared with the TIMER/COUNTER), 128Hz INT,
EXT INT (external INTERRUPT from IOCD1), 2Hz INT.
The
2KHz INT, LCDL INT (256 Hz in 1/3, 1/4 duty; 128 Hz in 1/2 duty),
128Hz INT, 2Hz INT, all are derived from 32768Hz Crystal
Oscillator by division.
5.8. Tone Output
The GPL10B provides TONE output that can directly drive
BUZZER.
It is a full-swing (VDD and VSS) signal and its
frequency source is the frequency of TIMER Carry divided by 2.
The block diagram is shown as below:
2
TONE
DRIVER
AUD
Timer Carry
Tone
5.9. Liquid Crystal Display
The GPL10B can directly drive the liquid crystal display (LCD)
panel of 1/2 duty, 1/3 duty, and 1/4 duty with 1/2 bias or 1/3 bias.
It has 4 commons and 32 segments signal pins.
In share mode
(Timer/Counter is used), the LCD is refreshed by LCDL interrupt.
The INT routine will read the number of common which is under
serving, and send the next common's pattern to LCD port ($10 -
$13) from RAM buffer.
If the Timer/the counter is not used,
hardware mechanism will auto refresh the LCD after writing
OPTION register ($1F).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com