Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSSPSI Datasheet(PDF) 16 Page - Mixed Signal Integration

Part # MSSPSI
Description  Smart Programmable Sensor Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSSPSI Datasheet(HTML) 16 Page - Mixed Signal Integration

Back Button MSSPSI Datasheet HTML 8Page - Mixed Signal Integration MSSPSI Datasheet HTML 9Page - Mixed Signal Integration MSSPSI Datasheet HTML 10Page - Mixed Signal Integration MSSPSI Datasheet HTML 11Page - Mixed Signal Integration MSSPSI Datasheet HTML 12Page - Mixed Signal Integration MSSPSI Datasheet HTML 13Page - Mixed Signal Integration MSSPSI Datasheet HTML 14Page - Mixed Signal Integration MSSPSI Datasheet HTML 15Page - Mixed Signal Integration MSSPSI Datasheet HTML 16Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
07/2014
Smart Programmable Sensor Interface
Data Sheet
© 2004-2
2014 Mixeed Signal Inteegratioon
16
Weeb Sitee ““www.mix-ssig.coom””
Mixed Signal Integration
2157F O'Toole Avenue
San Jose, California 95131-1332
Phone: (408)-434-6305
Fax:
(408)-434-6417
In Mississippi, Alabama, Georgia
South Carolina, North Carolina, and
Tennessee contact:
Adeptronics
9694 Madison Boulevard Suite A-14
Madison, Alabama 35758
Telephone: 256-772-1922
Facsimile: 256-772-0323
In Arizona, Utah, Colorado, Montana,
In Indiana, Kentucky, Ohio, Michigan,
In Taiwan contact:
Wyoming, Idaho, New Mexico and
and western Pennsylvania contact:
southern Nevada contact:
Nelco Electronix
CCR Electronics, Inc.
Maxtek Technology Co., Ltd.
6970 S. Holly Circle
#205
825 Woodfield Crossing Blvd
5F, No. 13-20, Sec. 6, Min Chian E Road, Nei Hu
Centennial, CO 80112
Suite 100
Taipei, 114 R.O.C.
Telephone: 720-493-9630
Indianapolis, Indiana 46240-2495
Telephone: 886-2-2794-6060
Facsimile: 720-493-9631
Telephone: 317-469-4855
Facsimile: 886-2-2879-8922
In Hong Kong and the People's
In Korea contact:
In Singapore, Indonesia and
Republic of China contact:
Malaysia contact:
Alphatron
H. B. Corp.
EXER Technologies (S) PTE LTD
2L, Cooke Street/F
#1409, Seocho World Officetel,
45 Kaki Bukit Industrial Terrace
G/F, Hung Hom
1355-3, Seocho-Dong, Seocho-Ku,
Singapore 416125
Kowloon Bay, Hong Kong
Seoul, Korea 137-070
Telephone: (65)-6-747-9669
Telephone: 852-2303-1290
Telephone: (02)3472-3450
Facsimile: (65)-6-749-9669
Facsimile: 852-2900-3616
Facsimile:
(02)3472-3458
In Israel contact:
In the United Kingdom contact:
Phoenix Technologies Ltd.
Electronics 2000 Ltd.
3 Gavish St.
Grafton House
Kfar-Saba, 44424
Grafton Street
Isreal
High Wycombe
Telephone: 09-764-4800
Bucks
HP12 3AJ
Facsimile: 09-764-4801
Telephone:00-44-1494-444044
Facsimile: 00-44-1494-470499
Catch our web site at "http://www.mix-sig.com"
Send us e-mail at "info@mix-sig.com"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com