Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6042CSU4 Datasheet(PDF) 4 Page - Sinopower Semiconductor Inc

Part # SM6042CSU4
Description  Dual Enhancement Mode MOSFET (N- and P-Channel)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM6042CSU4 Datasheet(HTML) 4 Page - Sinopower Semiconductor Inc

  SM6042CSU4 Datasheet HTML 1Page - Sinopower Semiconductor Inc SM6042CSU4 Datasheet HTML 2Page - Sinopower Semiconductor Inc SM6042CSU4 Datasheet HTML 3Page - Sinopower Semiconductor Inc SM6042CSU4 Datasheet HTML 4Page - Sinopower Semiconductor Inc SM6042CSU4 Datasheet HTML 5Page - Sinopower Semiconductor Inc SM6042CSU4 Datasheet HTML 6Page - Sinopower Semiconductor Inc SM6042CSU4 Datasheet HTML 7Page - Sinopower Semiconductor Inc SM6042CSU4 Datasheet HTML 8Page - Sinopower Semiconductor Inc SM6042CSU4 Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.sinopowersemi.com
4
SM6042CSU4
Copyright
© Sinopower Semiconductor, Inc.
Rev. A.2 - November, 2014
®
Electrical Characteristics (Cont.) (T
A = 25°C unless otherwise noted)
P Channel
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
BV
DSS
Drain-Source Breakdown Voltage
V
GS=0V, IDS=-250μA
-60
-
-
V
V
DS=-48V, VGS=0V
-
-
-1
I
DSS
Zero Gate Voltage Drain Current
T
J=85°C
-
-
-30
µA
V
GS(th)
Gate Threshold Voltage
VDS=VGS , IDS=-250µA
-1
-2
-3
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
-
-
±10
µA
VGS=-10V, IDS=-7.5A
-
75
95
RDS(ON)
Drain-Source On-state Resistance
VGS=-4.5V, IDS=-6.5A
-
95
130
m
Diode Characteristics
VSD
Diode Forward Voltage
ISD=-1A, VGS=0V
-
-0.7
-1
V
t
rr
Reverse Recovery Time
-
18
-
ns
Q
rr
Reverse Recovery Charge
IDS=-7.5A,
dlSD/dt=100A/
µs
-
13
-
nC
Dynamic Characteristics
e
R
G
Gate Resistance
V
GS=0V,VDS=0V,F=1MHz
-
10
20
Ciss
Input Capacitance
-
530
690
Coss
Output Capacitance
-
66
-
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=-30V,
Frequency=1.0MHz
-
36
-
pF
td(ON)
Turn-on Delay Time
-
8
15
tr
Turn-on Rise Time
-
4.5
8
td(OFF)
Turn-off Delay Time
-
40
72
t
f
Turn-off Fall Time
V
DD=-30V, RL=30Ω,
IDS=-1A, VGEN=-10V,
RG=6
-
27
49
ns
Gate Charge Characteristics
e
Qg
Total Gate Charge
VDS=-30V, VGS=-4.5V,
IDS=-7.5A
-
6
-
Qg
Total Gate Charge
-
12
17
Qgs
Gate-Source Charge
-
1.2
-
Qgd
Gate-Drain Charge
-
3.6
-
Qgth
Threshold Gate Charge
VDS=-30V, VGS=-10V,
IDS=-7.5A
-
1
-
nC
Note e:Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com