Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRB260C5 Datasheet(PDF) 1 Page - CW Industries

Part # GRB260C5
Description  GRB Series Full Size Sealed Rocker Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CWIND [CW Industries]
Direct Link  http://www.cwind.com
Logo CWIND - CW Industries

GRB260C5 Datasheet(HTML) 1 Page - CW Industries

  GRB260C5 Datasheet HTML 1Page - CW Industries GRB260C5 Datasheet HTML 2Page - CW Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Item # GRB260C5SERIES, GRB Series Full Size Sealed Rocker Switches
Specifications · Materials · Technical Information
Circuitry
SPDT
Switch Function
ON-ON
Electrical Ratings
16(4)A 125/250VAC
20A 125VAC
21A 14VDC/10A 28VDC
IP Level
56
Mounting
21.2 x 36.6
Actuator Color
Amber
Black
Green
Red
Housing Color
Black
C1
N
Polarization
N
Actuator Legend
Various
Illumination
Non Illuminated
Terminal
0.250 Quick Connect (SQ)
SAE (SQ)
SC 6-32UNC
Solder
Fitting
Snap-In
Options
5 Different Rocker Styles
Illuminated
Jumper
Light Circuit
Non-Illuminated
Options
Reference Lamp Chart
Specifications
CW INDUSTRIES
130 James Way
Southampton, PA 18966
Phone: 215-355-7080 • Fax: 215-355-1088
Email: info@cwind.com • Website: http://www.cwind.com
5/21/2019 | Page 1 of 2


Similar Part No. - GRB260C5

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRB260C501BBRG1 CWIND-GRB260C501BBRG1 Datasheet
171Kb / 2P
GRB Series Full Size Sealed Rocker Switches
More results

Similar Description - GRB260C5

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRB070BF8 CWIND-GRB070BF8 Datasheet
146Kb / 2P
GRB Series Full Size Sealed Rocker Switches
GRB238B8 CWIND-GRB238B8 Datasheet
150Kb / 2P
GRB Series Full Size Sealed Rocker Switches
GRB238B801BRRL1Z CWIND-GRB238B801BRRL1Z Datasheet
152Kb / 2P
GRB Series Full Size Sealed Rocker Switches
GRB238D801BBZ CWIND-GRB238D801BBZ Datasheet
150Kb / 2P
GRB Series Full Size Sealed Rocker Switches
GRB258B01BR1 CWIND-GRB258B01BR1 Datasheet
149Kb / 2P
GRB Series Full Size Sealed Rocker Switches
GRB258D01BB CWIND-GRB258D01BB Datasheet
172Kb / 2P
GRB Series Full Size Sealed Rocker Switches
GRB260A1 CWIND-GRB260A1 Datasheet
170Kb / 2P
GRB Series Full Size Sealed Rocker Switches
GRB260A401BBRN1 CWIND-GRB260A401BBRN1 Datasheet
165Kb / 2P
GRB Series Full Size Sealed Rocker Switches
GRB260A401BBRN2 CWIND-GRB260A401BBRN2 Datasheet
165Kb / 2P
GRB Series Full Size Sealed Rocker Switches
GRB260A601BBNN CWIND-GRB260A601BBNN Datasheet
171Kb / 2P
GRB Series Full Size Sealed Rocker Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com