Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VP1310 Datasheet(PDF) 2 Page - Supertex, Inc

Part # VP1310
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VP1310 Datasheet(HTML) 2 Page - Supertex, Inc

  VP1310 Datasheet HTML 1Page - Supertex, Inc VP1310 Datasheet HTML 2Page - Supertex, Inc VP1310 Datasheet HTML 3Page - Supertex, Inc VP1310 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7-252
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
0V
V
DD
R
gen
0V
-10V
VP1304/VP1306/VP1310
Switching Waveforms and Test Circuit
Package
ID (continuous)*
ID (pulsed)
Power Dissipation
θ
jc
θ
ja
IDR*IDRM
@ TC = 25°C
°C/W
°C/W
TO-92
-0.15A
-0.65A
1.0W
125
170
-0.15A
-0.65A
* ID (continuous) is limited by max rated Tj. TA = 25°C
Thermal Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VP1310
-100
VP1306
-60
VP1304
-40
V
GS(th)
Gate Threshold Voltage
-1.5
-3.5
V
V
GS = VDS, ID = -1mA
∆V
GS(th)
Change in V
GS(th) with Temperature
-3.2
-3.85
mV/
°CV
GS = VDS, ID = -1mA
I
GSS
Gate Body Leakage
-0.1
-100
nA
V
GS = ±20V, VDS = 0V
I
DSS
Zero Gate Voltage Drain Current
-10
V
GS = 0V, VDS = Max Rating
µAV
GS = 0V, VDS = 0.8 Max Rating
TA = 125°C
ID(ON)
ON-State Drain Current
-0.08
-0.23
VGS = -5V, VDS = -25V
-0.25
-0.7
VGS = -10V, VDS = -25V
RDS(ON)
32
40
VGS = -5V, ID = -50mA
19
25
VGS = -10V, ID = -250mA
∆R
DS(ON)
Change in RDS(ON) with Temperature
0.8
1.1
%/
°CV
GS = -10V, ID = -250mA
GFS
Forward Transconductance
75
120
m
VDS = -25V, ID = -200mA
CISS
Input Capacitance
20
35
COSS
Common Source Output Capacitance
12
15
pF
CRSS
Reverse Transfer Capacitance
3
5
td(ON)
Turn-ON Delay Time
3
5
tr
Rise Time
3
5
td(OFF)
Turn-OFF Delay Time
3
5
tf
Fall Time
3
8
VSD
Diode Forward Voltage Drop
-1.2
-1.7
V
ISD = -0.25A, VGS = 0V
trr
Reverse Recovery Time
350
ns
ISD = -0.25A, VGS = 0V
Notes:
1. All D.C. parameters 100% tested at 25
°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2. All A.C. parameters sample tested.
Electrical Characteristics (@ 25
°C unless otherwise specified)
BV
DSS
Drain-to-Source
Breakdown Voltage
A
VI
D = -1mA, VGS = 0V
-500
Static Drain-to-Source
ON-State Resistance
V
DD = -25V
ns
I
D = -250mA
RGEN = 25Ω
VGS = 0V, VDS = -25V
f = 1 MHz
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com