Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74LPT543 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74LPT543
Description  Fast CMOS 3.3V 8-Bit Latched Transceiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LPT543 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74LPT543 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LPT543 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LPT543 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LPT543 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LPT543 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
PS2062A 01/15/97
PI74LPT543
3.3V 8-BIT LATCHED TRANSCEIVER
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Power Supply Characteristics
Parameters Description
Test Conditions
(1)
Min.
Typ
(2)
Max.
Units
ICC
Quiescent Power Supply Current
VCC = Max.
VIN = GND or VCC
0.1
10
µA
∆ICC
Quiescent Power Supply Current
VCC = Max.
VIN = VCC – 0.6V(3)
2.0
30
µA
TTL Inputs HIGH
ICCD
Dynamic Power Supply
(4)
VCC = Max.,
VIN = VCC
50
75
µA/
Outputs Open
VIN = GND
MHz
CEAB and
OEAB = GND
CEBA = VCC
One Bit Toggling
50% Duty Cycle
IC
Total Power Supply
VCC = Max.,
VIN = VCC – 0.6V
0.6
2.3
mA
Current
(6)
Outputs Open
VIN = GND
fI = 10 MHZ
50% Duty Cycle
CEAB and
OEAB = GND
CEBA = VCC
One Bit Toggling
VCC = Max.,
VIN = VCC – 0.6V
2.1
4.7
(5)
Outputs Open
VIN = GND
fI = 2.5 MHZ
50% Duty Cycle
CEAB and
OEAB = GND
CEBA = VCC
8 Bits Toggling
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at Vcc = 3.3V, +25°C ambient.
3. Per TTL driven input; all other inputs at Vcc or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the Icc formula. These limits are guaranteed but not tested.
6. IC =IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fINI)
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
∆ICC = Power Supply Current for a TTL High Input
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
NCP = Number of Clock Inputs at fCP
fI = Input Frequency
NI = Number of Inputs at fI
All currents are in milliamps and all frequencies are in megahertz.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com