Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPL812P02A Datasheet(PDF) 1 Page - Generalplus Technology Inc.

Part # GPL812P02A
Description  Low Power 128 Dots LCD Controller with 16KB OTP ROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL812P02A Datasheet(HTML) 1 Page - Generalplus Technology Inc.

  GPL812P02A Datasheet HTML 1Page - Generalplus Technology Inc. GPL812P02A Datasheet HTML 2Page - Generalplus Technology Inc. GPL812P02A Datasheet HTML 3Page - Generalplus Technology Inc. GPL812P02A Datasheet HTML 4Page - Generalplus Technology Inc. GPL812P02A Datasheet HTML 5Page - Generalplus Technology Inc. GPL812P02A Datasheet HTML 6Page - Generalplus Technology Inc. GPL812P02A Datasheet HTML 7Page - Generalplus Technology Inc. GPL812P02A Datasheet HTML 8Page - Generalplus Technology Inc. GPL812P02A Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
GENERALPLUS TECHNOLOGY INC. reserves the right to change this documentation without prior notice. Information provided by GENERALPLUS
TECHNOLOGY INC. is believed to be accurate and reliable. However, GENERALPLUS TECHNOLOGY INC. makes no warranty for any errors which may
appear in this document. Contact GENERALPLUS TECHNOLOGY INC. to obtain the latest version of device specifications before placing your order. No
responsibility is assumed by GENERALPLUS TECHNOLOGY INC. for any infringement of patent or other rights of third parties which may result from its use.
G
G
L
Oct. 02, 2014
Version 1.1
P
PL
L8
81
12
2P
P0
02
2A
A
Lo
ow
w P
Po
ow
we
err 1
12
28
8 D
Do
otts
s L
LC
CD
D C
Co
on
nttrro
olllle
err
w
wiitth
h 1
16
6K
KB
B O
OT
TP
P R
RO
OM
M
In addition, GENERALPLUS products are not authorized for use as critical components in life support devices/systems or aviation devices/systems, where a
malfunction or failure of the product may reasonably be expected to result in significant injury to the user, without the express written approval of Generalplus.


Similar Part No. - GPL812P02A

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPL81201A GENERALPLUS-GPL81201A Datasheet
473Kb / 14P
Low Power 84 Dots LCD Controller with 8KB ROM
GPL81201A-NnnV-C GENERALPLUS-GPL81201A-NnnV-C Datasheet
473Kb / 14P
Low Power 84 Dots LCD Controller with 8KB ROM
GPL81201A-NnnV-QL23x GENERALPLUS-GPL81201A-NnnV-QL23x Datasheet
473Kb / 14P
Low Power 84 Dots LCD Controller with 8KB ROM
GPL81202A GENERALPLUS-GPL81202A Datasheet
555Kb / 14P
Low Power 128 Dots LCD Controller with 16KB ROM
GPL81202A-NnnV-C GENERALPLUS-GPL81202A-NnnV-C Datasheet
555Kb / 14P
Low Power 128 Dots LCD Controller with 16KB ROM
More results

Similar Description - GPL812P02A

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPL811P08A GENERALPLUS-GPL811P08A Datasheet
1Mb / 16P
Low Power 660 Dots LCD Controller with 64KB/32KB OTP Rom
GPL87103A GENERALPLUS-GPL87103A Datasheet
424Kb / 15P
Low Power 432 Dots LCD Controller with 24KB ROM
GPL87104A GENERALPLUS-GPL87104A Datasheet
433Kb / 15P
Low Power 660 Dots LCD Controller with 32KB ROM
GPL87108A GENERALPLUS-GPL87108A Datasheet
436Kb / 15P
Low Power 660 Dots LCD Controller with 64KB ROM
GPLB35A3 GENERALPLUS-GPLB35A3 Datasheet
413Kb / 18P
4032 Dots LCD Controller with 1MB ROM
GPLB37A3 GENERALPLUS-GPLB37A3 Datasheet
370Kb / 19P
2000 Dots LCD Controller with 256KB ROM
GPLB301A GENERALPLUS-GPLB301A Datasheet
864Kb / 26P
2368 Dots LCD Controller with 512KB OTP
GPL81201A GENERALPLUS-GPL81201A Datasheet
473Kb / 14P
Low Power 84 Dots LCD Controller with 8KB ROM
GPL81202A GENERALPLUS-GPL81202A Datasheet
555Kb / 14P
Low Power 128 Dots LCD Controller with 16KB ROM
GPM6P1816A GENERALPLUS-GPM6P1816A Datasheet
2Mb / 63P
48-pin Remote Controller with 16KB OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com